Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VS-P101 Datasheet(PDF) 7 Page - Vishay Siliconix

Part No. VS-P101
Description  Power Modules, Passivated Assembled Circuit Elements
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

VS-P101 Datasheet(HTML) 7 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 95335
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 24-Jul-08
1
D-19 PACE-PAK
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
0.9 x 45°
(0.035 x 45°)
12.7 (0.50)
63.5 (2.50)
45 (1.77)
12.7 (0.50)
Ø 1.65 (0.06)
Fast-on 6.35 x 0.8 (0.25 x 0.03)
4.6 (0.18)
2.5 (0.10)
MAX.
5.2 (0.20)
48.7 (1.91)
33.8 (1.33)
32.5 (1.28) MAX.
23.2 (0.91)
15.5 (0.61)
MAX.
25 (0.98) MAX.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn