Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VS-P101 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. VS-P101
Description  Power Modules, Passivated Assembled Circuit Elements
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

VS-P101 Datasheet(HTML) 6 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
VS-P100 Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Mar-14
6
Document Number: 93754
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) To complete code refer to Voltage Ratings table, i.e.: For 600 V P10.W complete code is P102W
CIRCUIT CONFIGURATION
CIRCUIT DESCRIPTION
CIRCUIT
CONFIGURATION
CODE
SCHEMATIC DIAGRAM
TERMINAL POSITIONS
Single phase, hybrid bridge
common cathode
0
Single phase, hybrid bridge
doubler connection
2
Single phase, all SCR bridge
3
CODING (1)
CIRCUIT DESCRIPTION
CIRCUIT
CONFIGURATION
CODE
BASIC
SERIES
WITH VOLTAGE
SUPPRESSION
WITH
FREEWHEELING
DIODE
WITH BOTH
VOLTAGE SUPPRESSION
AND FREEWHEELING
DIODE
Single phase, hybrid bridge
common cathode
0
P10.
P10.K
P10.W
P10.KW
Single phase, hybrid bridge
doubler connection
2
P12.
P12.K
--
Single phase, all SCR bridge
3
P13.
P13.K
--
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95335
G1
AC2
AC1
G2
(-)
(+)
AC1 G1-
AC2 G2+
G2
G1
AC1
AC2
(-)
(+)
AC1 G1-
AC2 G2+
G1
G3
AC2
AC1
(-)
(+)
G2
G4
AC2 G2-
AC1 G3
G1 G4
+


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn