Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55B68 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BZX55B68
Description  2% Tolerance Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX55B68 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZX55B68 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX55B68 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX55B68 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX55B68 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX55B68 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Small Signal Product
(TA=25℃ unless otherwise noted)
Document Number: DS_S1410002
Version: E14
Taiwan Semiconductor
BZX55B2V4 thru BZX55B75
RATINGS AND CHARACTERISTICS CURVES
0.01
0.1
1
10
100
0123
456789
10 11 12
Zener Voltage (V)
Fig. 2 Zener Breakdown Characteristics
TA=25oC
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
Zener Voltage (V)
Fig. 3 Zener Breakdown Characteristics
1
10
100
1000
1
10
100
Zener Voltage (V)
Fig. 5 Typical Capacitance
0
100
200
300
400
500
600
0
40
80
120
160
200
Ambient Temperature (oC)
Fig. 4 Admissible Power Dissipation curve
1
10
100
1000
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Forward Voltage (V)
Fig. 1 Typical Forward Characteristics
1
10
100
1000
1
10
100
Zener Voltage (V)
Fig. 6 Effect of Zener Voltage on Impedence
IZ=5mA
IZ=20mA
Bias at 50% of VZ (Nom)
1V Bias
IZ=1mA
TA=75oC
TA=25oC


Similar Part No. - BZX55B68

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55B68 VISHAY-BZX55B68 Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZX55B68 NJSEMI-BZX55B68 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX55B68 VISHAY-BZX55B68 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Taiwan Semiconductor Co...
BZX55B68 TSC-BZX55B68 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
EIC discrete Semiconduc...
BZX55B68 EIC-BZX55B68 Datasheet
41Kb / 2P
   SILICON ZENER DIODES
More results

Similar Description - BZX55B68

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX585B2V4 TSC-BZX585B2V4 Datasheet
230Kb / 6P
   Zener Diode, 2% Tolerance
BZT52B2V4-G TSC-BZT52B2V4-G Datasheet
199Kb / 6P
   2% Zener Voltage Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
BZY55B2V4 TSC-BZY55B2V4_14 Datasheet
241Kb / 5P
   2% Tolerance SMD Zener Diode
BZX584B4V7 TSC-BZX584B4V7 Datasheet
247Kb / 6P
   2% Zener Voltage Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com