Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX79B24 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZX79B24
Description  Hermetically Sealed Glass Zener
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX79B24 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZX79B24 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX79B24 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX79B24 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX79B24 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- Wide zener voltage range selection: 2.4V to 75V
- Through-hole device type mounting
- Hermetically sealed glasss
- Compression bonded construction
- Solder hot dip tin (Sn) lead finish
- Pb free and RoHS compliant
- All external surfaces are corrosion resistant and
leads are readily solderable
- Case: DO-35
- High temperature soldering guaranteed: 260
oC/10s
- Polarity: Indicated by cathode band
SYMBOL
UNIT
PD
mW
VF
V
TJ , TSTG
oC
Document Number: DS_S1408012
Version: C15
MECHANICAL DATA
Operating and Storage Temperature Range
-65 to +200
Forward Voltage (IF = 100 mA)
1.5
DO-35
Hermetically Sealed Glass
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
VALUE
Power Dissipation
500
BZX79B2V4 thru BZX79B75
Taiwan Semiconductor
Small Signal Product
Hermetically Sealed Glass Zener
FEATURES


Similar Part No. - BZX79B24

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BZX79B24 GE-BZX79B24 Datasheet
321Kb / 7P
   SILICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
BZX79B24 EIC-BZX79B24 Datasheet
33Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
BZX79B24 TSC-BZX79B24 Datasheet
125Kb / 2P
   500 mW Hermetically Sealed Glass Zener Voltage Regulators
logo
SEMTECH ELECTRONICS LTD...
BZX79B24 SEMTECH_ELEC-BZX79B24 Datasheet
171Kb / 2P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - BZX79B24

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N5221B TSC-1N5221B Datasheet
96Kb / 5P
   0.5W Hermetically Sealed Glass Zener Diodes
logo
Guangdong Juxing Electr...
LLZ2V0 JUXING-LLZ2V0 Datasheet
636Kb / 3P
   500mW Hermetically Sealed Glass Zener Diodes
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG_15 Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Taiwan Semiconductor Co...
MTZJ2V0A TSC-MTZJ2V0A Datasheet
334Kb / 8P
   500mW, Hermetically Sealed Glass Zener Diodes
ZM4728A TSC-ZM4728A_14 Datasheet
220Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
MTZJ2V0SA TSC-MTZJ2V0SA Datasheet
242Kb / 7P
   500mW, Hermetically Sealed Glass Zener Diodes
LLZ2V4 TSC-LLZ2V4 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
LLZ5221B TSC-LLZ5221B_15 Datasheet
230Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
TRANSYS Electronics Lim...
1N957B TEL-1N957B Datasheet
231Kb / 2P
   Hermetically Sealed Glass Package Zener Diodes
logo
SEC Electronics Inc.
1N47XXAG SECELECTRONICS-1N47XXAG Datasheet
218Kb / 2P
   Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com