Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55B51 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZX55B51
Description  2% Tolerance Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX55B51 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZX55B51 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX55B51 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX55B51 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX55B51 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX55B51 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Small Signal Product
ELECTRICAL CHARACTERISTICS ( T
A= 25
oC unless otherwise noted )
Nom
Min
Max
BZX55B2V4
2.4
2.35
2.45
5.0
85
1.0
600
50
1.0
BZX55B2V7
2.7
2.65
2.75
5.0
85
1.0
600
10
1.0
BZX55B3V0
3.0
2.94
3.06
5.0
85
1.0
600
4.0
1.0
BZX55B3V3
3.3
3.23
3.37
5.0
85
1.0
600
2.0
1.0
BZX55B3V6
3.6
3.53
3.67
5.0
85
1.0
600
2.0
1.0
BZX55B3V9
3.9
3.82
3.98
5.0
85
1.0
600
2.0
1.0
BZX55B4V3
4.3
4.21
4.39
5.0
75
1.0
600
1.0
1.0
BZX55B4V7
4.7
4.61
4.79
5.0
60
1.0
600
0.5
1.0
BZX55B5V1
5.1
5.00
5.20
5.0
35
1.0
550
0.1
1.0
BZX55B5V6
5.6
5.49
5.71
5.0
25
1.0
450
0.1
1.0
BZX55B6V2
6.2
6.08
6.32
5.0
10
1.0
200
0.1
2.0
BZX55B6V8
6.8
6.66
6.94
5.0
8
1.0
150
0.1
3.0
BZX55B7V5
7.5
7.35
7.65
5.0
7
1.0
50
0.1
5.0
BZX55B8V2
8.2
8.04
8.36
5.0
7
1.0
50
0.1
6.2
BZX55B9V1
9.1
8.92
9.28
5.0
10
1.0
50
0.1
6.8
BZX55B10
10
9.80
10.20
5.0
15
1.0
70
0.1
7.5
BZX55B11
11
10.78
11.22
5.0
20
1.0
70
0.1
8.2
BZX55B12
12
11.76
12.24
5.0
20
1.0
90
0.1
9.1
BZX55B13
13
12.74
13.26
5.0
26
1.0
110
0.1
10
BZX55B15
15
14.70
15.30
5.0
30
1.0
110
0.1
11
BZX55B16
16
15.68
16.32
5.0
40
1.0
170
0.1
12
BZX55B18
18
17.64
18.36
5.0
50
1.0
170
0.1
14
BZX55B20
20
19.60
20.40
5.0
55
1.0
220
0.1
15
BZX55B22
22
21.56
22.44
5.0
55
1.0
220
0.1
17
BZX55B24
24
23.52
24.48
5.0
80
1.0
220
0.1
18
BZX55B27
27
26.46
27.54
5.0
80
1.0
220
0.1
20
BZX55B30
30
29.40
30.60
5.0
80
1.0
220
0.1
22
BZX55B33
33
32.34
33.66
5.0
80
1.0
220
0.1
24
BZX55B36
36
35.28
36.72
5.0
80
1.0
220
0.1
27
BZX55B39
39
38.22
39.78
2.5
90
0.5
500
0.1
28
BZX55B43
43
42.14
43.86
2.5
90
0.5
600
0.1
32
BZX55B47
47
46.06
47.94
2.5
110
0.5
700
0.1
35
BZX55B51
51
49.98
52.02
2.5
125
0.5
700
0.1
38
BZX55B56
56
54.88
57.12
2.5
135
0.5
1000
0.1
42
BZX55B62
62
60.76
63.24
2.5
150
0.5
1000
0.1
47
BZX55B68
68
66.64
69.36
2.5
160
0.5
1000
0.1
51
BZX55B75
75
73.50
76.50
2.5
170
0.5
1000
0.1
56
Notes: 1. The Zener Voltage (VZ) is tested under pulse condition of 10ms.
2. The device numbers listed have a standard tolerance on the nomial zener voltage of ±2%
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages
shown and tighter voltage tolerances, contact your nearest Taiwan Semiconductor representative.
4. The Zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an
RMS value equal to 10% of the dc zener current(IZT or IZK) is superimposed to IZT or IZK.
Document Number: DS_S1410002
Version: E14
BZX55B2V4 thru BZX55B75
Taiwan Semiconductor
Part Number
VZ @ IZT (Volt)
IZT
(mA)
VR
(V)
ZZT @ IZT (Ω)
Max
IZK
(mA)
ZZK @ IZK (Ω)
Max
IR @ VR(μA)
Max


Similar Part No. - BZX55B51

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55B51 VISHAY-BZX55B51 Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZX55B51 NJSEMI-BZX55B51 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX55B51 VISHAY-BZX55B51 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Taiwan Semiconductor Co...
BZX55B51 TSC-BZX55B51 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
EIC discrete Semiconduc...
BZX55B51 EIC-BZX55B51 Datasheet
41Kb / 2P
   SILICON ZENER DIODES
More results

Similar Description - BZX55B51

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX585B2V4 TSC-BZX585B2V4 Datasheet
230Kb / 6P
   Zener Diode, 2% Tolerance
BZT52B2V4-G TSC-BZT52B2V4-G Datasheet
199Kb / 6P
   2% Zener Voltage Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
BZY55B2V4 TSC-BZY55B2V4_14 Datasheet
241Kb / 5P
   2% Tolerance SMD Zener Diode
BZX584B4V7 TSC-BZX584B4V7 Datasheet
247Kb / 6P
   2% Zener Voltage Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com