Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55B6V8 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZX55B6V8
Description  2% Tolerance Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX55B6V8 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZX55B6V8 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX55B6V8 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX55B6V8 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX55B6V8 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX55B6V8 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Small Signal Product
PART NO.
Note 1: "xxx" defines voltage from 2.4V (BZX55B2V4) to 75V (BZX55B75)
Note 2: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
Min
Max
Min
Max
A
0.34
0.60
0.013
0.024
B
2.90
5.08
0.114
0.200
C
25.40
38.10
1.000
1.500
D
1.30
2.28
0.051
0.090
Document Number: DS_S1410002
Version: E14
Multiple manufacture
source
Halogen free
R0
-xx
BZX55B75
G
MARKING DIAGRAM
BZX
55B
XXX
BZX55B75-L0 R0G
BZX55B75-B0 R0G
BZX55B75 R0G
BZX55B75
R0
DIM.
Unit (mm)
Unit (inch)
G
G
Define manufacture
source
Halogen free
EXAMPLE
PREFERRED
PART NO.
BZX55B2V4 thru BZX55B75
Taiwan Semiconductor
ORDERING INFORMATION
PART NO.
SUFFIX (Note 2)
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
BZX55Bxxx
(Note1)
R0
GDO-35
10K / 14" Reel
A0
5K / Box (Ammo)
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
PACKAGE OUTLINE DIMENSION
Define manufacture
source
Halogen free
R0
L0
B0
BZX55B75


Similar Part No. - BZX55B6V8

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55B6V8 VISHAY-BZX55B6V8 Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
BZX55B6V8 VISHAY-BZX55B6V8 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
EIC discrete Semiconduc...
BZX55B6V8 EIC-BZX55B6V8 Datasheet
41Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
BZX55B6V8 VISHAY-BZX55B6V8 Datasheet
103Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 25-Nov-11
logo
Yangzhou yangjie electr...
BZX55B6V8 YANGJIE-BZX55B6V8 Datasheet
195Kb / 5P
   Zener Diodes
More results

Similar Description - BZX55B6V8

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX585B2V4 TSC-BZX585B2V4 Datasheet
230Kb / 6P
   Zener Diode, 2% Tolerance
BZT52B2V4-G TSC-BZT52B2V4-G Datasheet
199Kb / 6P
   2% Zener Voltage Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZV55B2V4 TSC-BZV55B2V4_14 Datasheet
458Kb / 5P
   500mW, 2% Tolerance Zener Diode
BZY55B2V4 TSC-BZY55B2V4_14 Datasheet
241Kb / 5P
   2% Tolerance SMD Zener Diode
BZX584B4V7 TSC-BZX584B4V7 Datasheet
247Kb / 6P
   2% Zener Voltage Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S_14 Datasheet
238Kb / 6P
   200mW, 2% Tolerance SMD Zener Diode
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com