Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZT52C56K Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part No. BZT52C56K
Description  200mW, Surface Mount Zener SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52C56K Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZT52C56K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52C56K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52C56K Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT52C56K Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZT52C56K Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZT52C56K Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(TA=25
℃ unless otherwise noted)
Document Number: DS_S1403007
Version: C14
RATINGS AND CHARACTERISTICS CURVES
BZT52C2V0K ~ BZT52C75K
Taiwan Semiconductor
Small Signal Product
0
100
200
300
0
50
100
150
Ambient Temperature: Ta (oC)
Fig. 1 Derating curve


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn