Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZT52C56K Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part No. BZT52C56K
Description  200mW, Surface Mount Zener SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52C56K Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZT52C56K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52C56K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52C56K Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT52C56K Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZT52C56K Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZT52C56K Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Min
Nom
Max
BZT52C2V0
K
RD
1.8
2.0
2.15
5
100
-
-
120
0.5
BZT52C2V2
K
RE
2.08
2.2
2.33
5
100
-
-
120
0.7
BZT52C2V4
K
Z7
2.2
2.4
2.6
5
100
1
1000
120
1
BZT52C2V7
K
A8
2.5
2.7
2.9
5
100
1
1000
120
1
BZT52C3V0
K
B8
2.8
3
3.2
5
100
1
1000
50
1
BZT52C3V3
K
C8
3.1
3.3
3.5
5
95
1
1000
20
1
BZT52C3V6
K
D8
3.4
3.6
3.8
5
90
1
1000
10
1
BZT52C3V9
K
E8
3.7
3.9
4.1
5
90
1
1000
5
1
BZT52C4V3
K
F8
4
4.3
4.6
5
90
1
1000
5
1
BZT52C4V7
K
G8
4.4
4.7
5
5
80
1
800
2
1
BZT52C5V1
K
H8
4.8
5.1
5.4
5
60
1
500
2
1.5
BZT52C5V6
K
I8
5.2
5.6
6
5
40
1
200
1
2.5
BZT52C6V2
K
J8
5.8
6.2
6.6
5
10
1
100
1
3
BZT52C6V8
K
K8
6.4
6.8
7.2
5
15
1
160
0.5
3.5
BZT52C7V5
K
L8
7
7.5
7.9
5
15
1
160
0.5
4
BZT52C8V2
K
M8
7.7
8.2
8.7
5
15
1
160
0.5
5
BZT52C9V1
K
N8
8.5
9.1
9.6
5
15
1
160
0.5
6
BZT52C10K
O8
9.4
10
10.6
5
20
1
160
0.1
7
BZT52C11K
P8
10.4
11
11.6
5
20
1
160
0.1
8
BZT52C12K
Q8
11.4
12
12.7
5
25
1
80
0.1
9
BZT52C13K
R8
12.4
13
14.1
5
30
1
80
0.1
10
BZT52C15K
S8
14.3
15
15.8
5
30
1
80
0.1
11
BZT52C16K
T8
15.3
16
17.1
5
40
1
80
0.1
12
BZT52C18K
U8
16.8
18
19.1
5
45
1
80
0.1
13
BZT52C20K
V8
18.8
20
21.2
5
55
1
100
0.1
15
BZT52C22K
W8
20.8
22
23.3
5
55
1
100
0.1
17
BZT52C24K
X8
22.8
24
25.6
5
70
1
120
0.1
19
BZT52C27K
Y8
25.1
27
28.9
5
80
1
300
0.1
21
BZT52C30K
Z8
28
30
32
5
80
1
300
0.1
23
BZT52C33K
A9
31
33
35
5
80
1
300
0.1
25
BZT52C36K
B9
34
36
38
5
90
1
500
0.1
27
BZT52C39K
C9
37
39
41
5
130
1
500
2
30
BZT52C43K
D9
40
43
46
5
150
1
500
2
33
BZT52C47K
E9
44
47
50
5
170
1
500
2
36
BZT52C51K
F9
48
51
54
5
180
1
500
1
39
BZT52C56K
G9
52
56
60
5
200
1
500
1
43
BZT52C62K
H9
58
62
66
5
215
1
500
0.2
47
BZT52C68K
I9
64
68
72
5
240
1
500
0.2
52
BZT52C75K
J9
70
75
79
5
255
1
500
0.2
57
Notes:1. The Zener Voltage (VZ) is tested under pulse condition of 20ms.
2. The device numbers listed have a standard tolerance on the nomial zener voltage of ±2%.
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages
shown and tighter voltage tolerances, contact your nearest Taiwan Semiconductor representative.
4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an
RMS value equal to 10% of the dc zener current(IZT or IZK) is superimposed to IZT or IZK.
Document Number: DS_S1403007
BZT52C2V0K ~ BZT52C75K
Taiwan Semiconductor
Zener Voltage Range
Maximum
Zener Impedance
Maximum
Reverse
Currrent
Small Signal Product
Electrical Characteristics
Part
Number
Marking
(Ratings at TA=25
oC ambient temperature unless otherwise specified)
Version: C14
VZ
@ IZT
(V)
IZT
(mA)
ZZT @
IZT (Ω)
IZK
(mA)
ZZK @
IZK (Ω)
IR @ VR
(µA)
VR
(V)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn