Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZT55B22 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part No. BZT55B22
Description  500mW , 2% Tolerance SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT55B22 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZT55B22 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT55B22 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT55B22 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT55B22 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZT55B22 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZT55B22 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
- Wide zener voltage range selection: 2.4V to 75V
- VZ Tolerance Selection of ±2%
- Moisture sensitivity level 1
- Matte Tin(Sn) lead finish with Nickel(Ni) underplate
- Pb free and RoHS compliant
- Case: QUADRO Mini-MELF Package (JEDEC DO-213)
- High temperature soldering guaranteed: 270
oC/10s
- Polarity: Indicated by cathode band
SYMBOL
UNIT
PD
mW
Forward Voltage
VF
V
RθJA
oC/W
TJ, TSTG
oC
Note1: Valid provided that electrodes are kept at ambient temperature
VBR
IZK
: Test current for voltage VBR
ZZK
: Dynamic impedance at IZK
IZT
: Test current for voltage VZ
VZ
ZZT
: Dynamic impedance at IZT
IZM
: Maximum steady state current
VZM
Document Number: DS_S1405002
Taiwan Semiconductor
VALUE
BZT55B2V4 ~ BZT55B75
Small Signal Product
500mW , 2% Tolerance SMD Zener Diode
- All external surfaces are corrosion resistant and
leads are readily solderable
- Weight: 29 ± 2.5mg
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
FEATURES
QUADRO Mini-MELF (LS34)
Version: G14
Thermal Resistance (Junction to Ambient)
(Note 1)
Junction and Storage Temperature Range
1
500
- 65 to + 175
: Voltage at IZM
IF = 10 mA
: Voltage at IZK
Power Dissipation
500
MECHANICAL DATA
Hermetically Sealed Glass
: Voltage at current I
Zener I vs. V Characteristics


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn