Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZT55B22 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part No. BZT55B22
Description  500mW , 2% Tolerance SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT55B22 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  BZT55B22 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT55B22 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT55B22 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT55B22 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZT55B22 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZT55B22 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Notice
Document Number: DS_S1405002
Version: G14
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility or liability
for any errors inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property rights is
granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability whatsoever, and
disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular
purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or seling these products
for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper use or sale.
BZT55B2V4 ~ BZT55B75
Taiwan Semiconductor
Small Signal Product


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn