Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZT55B22 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part No. BZT55B22
Description  500mW , 2% Tolerance SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TSC [Taiwan Semiconductor Company, Ltd]
Homepage  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT55B22 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  BZT55B22 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT55B22 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT55B22 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT55B22 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZT55B22 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZT55B22 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PACKAGE OUTLINE DIMENSIONS
Min
Max
Min
Max
A
3.30
3.70
0.130
0.146
B
1.40
1.60
0.055
0.063
C
0.20
0.50
0.008
0.020
Document Number: DS_S1405002
BZT55B2V4 ~ BZT55B75
Taiwan Semiconductor
DIM.
Unit (mm)
Unit (inch)
Small Signal Product
Version: G14
C
B
A


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn