Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZT55B20 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part No. BZT55B20
Description  500mW , 2% Tolerance SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT55B20 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZT55B20 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT55B20 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT55B20 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT55B20 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZT55B20 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZT55B20 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VF Forward Voltage = 1.0V Maximum @ IF = 10 mA for all part numbers
Min
Nom
Max
BZT55B2V4
2.35
2.4
2.45
5
85
1
600
50
1
BZT55B2V7
2.65
2.7
2.75
5
85
1
600
10
1
BZT55B3V0
2.94
3.0
3.06
5
85
1
600
4
1
BZT55B3V3
3.23
3.3
3.37
5
85
1
600
2
1
BZT55B3V6
3.53
3.6
3.67
5
85
1
600
2
1
BZT55B3V9
3.82
3.9
3.98
5
85
1
600
2
1
BZT55B4V3
4.21
4.3
4.39
5
75
1
600
1
1
BZT55B4V7
4.61
4.7
4.79
5
60
1
600
0.5
1
BZT55B5V1
5.00
5.1
5.20
5
35
1
550
0.1
1
BZT55B5V6
5..49
5.6
5.71
5
25
1
450
0.1
1
BZT55B6V2
6.08
6.2
6.32
5
10
1
200
0.1
2
BZT55B6V8
6.66
6.8
6.94
5
8
1
150
0.1
3
BZT55B7V5
7.35
7.5
7.65
5
7
1
50
0.1
5
BZT55B8V2
8.04
8.2
8.36
5
7
1
50
0.1
6.2
BZT55B9V1
8.92
9.1
9.28
5
10
1
50
0.1
6.8
BZT55B10
9.80
10.0
10.20
5
15
1
70
0.1
7.5
BZT55B11
10.78
11.0
11.22
5
20
1
70
0.1
8.2
BZT55B12
11.76
12.0
12.24
5
20
1
90
0.1
9.1
BZT55B13
12.74
13.0
13.26
5
26
1
110
0.1
10
BZT55B15
14.70
15.0
15.30
5
30
1
110
0.1
11
BZT55B16
15.68
16.0
16.32
5
40
1
170
0.1
12
BZT55B18
17.64
18.0
18.36
5
50
1
170
0.1
13
BZT55B20
19.60
20.0
20.40
5
55
1
220
0.1
15
BZT55B22
21.56
22.0
22.44
5
55
1
220
0.1
16
BZT55B24
23.52
24.0
24.48
5
80
1
220
0.1
18
BZT55B27
26.46
27.0
27.54
5
80
1
220
0.1
20
BZT55B30
29.40
30.0
30.60
5
80
1
220
0.1
22
BZT55B33
32.34
33.0
33.66
5
80
1
220
0.1
24
BZT55B36
35.28
36.0
36.72
5
80
1
220
0.1
27
BZT55B39
38.22
39.0
39.78
2.5
90
0.5
500
0.1
28
BZT55B43
42.14
43.0
43.86
2.5
90
0.5
600
0.1
32
BZT55B47
46.06
47.0
47.94
2.5
110
0.5
700
0.1
35
BZT55B51
49.98
51.0
52.02
2.5
125
0.5
700
0.1
38
BZT55B56
54.88
56.0
57.12
2.5
135
0.5
1000
0.1
42
BZT55B62
60.76
62.0
63.24
2.5
150
0.5
1000
0.1
47
BZT55B68
66.64
68.0
69.36
2.5
160
0.5
1000
0.1
51
BZT55B75
73.50
75.0
76.50
2.5
170
0.5
1000
0.1
56
Notes: 1. The Zener Voltage (VZ) is tested under pulse condition of 10ms.
2. The device numbers listed have a standard tolerance on the nomial zener voltage of ±2%
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages
shown and tighter voltage tolerances, contact your nearest Taiwan Semiconductor representative.
4. The Zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an
RMS value equal to 10% of the dc zener current(IZT or IZK) is superimposed to IZT or IZK.
Document Number: DS_S1405002
Version: G14
Taiwan Semiconductor
BZT55B2V4 ~ BZT55B75
Part Number
VZ
@ IZT
(Volt)
IZT
(mA)
ZZT @ IZT
(Ω)
Max
IZK
(mA)
ZZK @ IZK
(Ω)
Max
IR @ VR
(µA)
Max
VR
(V)
Small Signal Product
Electrical Characteristics
(Ratings at TA=25
oC ambient temperature unless otherwise specified)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn