Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1198-2BC Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1198-2BC
Description  8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1198-2BC Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1198-2BC Datasheet HTML 4Page - Linear Technology LTC1198-2BC Datasheet HTML 5Page - Linear Technology LTC1198-2BC Datasheet HTML 6Page - Linear Technology LTC1198-2BC Datasheet HTML 7Page - Linear Technology LTC1198-2BC Datasheet HTML 8Page - Linear Technology LTC1198-2BC Datasheet HTML 9Page - Linear Technology LTC1198-2BC Datasheet HTML 10Page - Linear Technology LTC1198-2BC Datasheet HTML 11Page - Linear Technology LTC1198-2BC Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
LTC1196/LTC1198
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Maximum Clock Frequency vs
Supply Voltage
Gain vs Supply Voltage
SUPPLY VOLTAGE (V)
2.5
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
3.5
4.5
5.0
1196/98 G10
3.0
4.0
5.5
6.0
TA = 25°C
fCLK = 3MHz
VREF = VCC
SUPPLY VOLTAGE (V)
2.5
19
17
15
13
11
9
7
5
4.0
5.0
1196/98 G11
3.0
3.5
4.5
5.5
6.0
TA = 25°C
VREF = VCC
Maximum Clock Frequency vs
Source Resistance
ADC Noise vs Reference and
Supply Voltage
Sample-and-Hold Acquisition
Time vs Source Resistance
Digital Input Logic Threshold vs
Supply Voltage
DOUT Delay Time vs
Supply Voltage
DOUT Delay Time vs Temperature
SOURCE RESISTANCE (
Ω)
18
16
14
12
10
8
6
4
2
0
1
100
1k
100k
1196/98 G12
10
10k
TA = 25°C
VCC = VREF = 5V
RSOURCE
VIN
+IN
–IN
TEMPERATURE (°C)
–55
100
90
80
70
60
50
40
30
20
10
0
–15
25
45
125
1196/98 G13
–35
5
65
85 105
VCC = 5V
VREF = 5V
SOURCE RESISTANCE (
Ω)
1
100
1000
10000
100
10k
1196/98 G15
10
1k
TA = 25°C
VCC = VREF = 5V
RSOURCE
+
VIN
+IN
–IN
TEMPERATURE (°C)
–60
160
140
120
100
80
60
40
20
0
100
1196/98 G18
–20
20
60
140
–40
0
40
80
120
VCC = 5V
VREF = VCC
VCC = 2.7V
SUPPLY VOLTAGE (V)
2.5
140
120
100
80
60
40
20
0
4.0
5.0
1196/98 G17
3.0
3.5
4.5
5.5
6.0
TA = 25°C
VREF = VCC
SUPPLY VOLTAGE (V)
2.5
1.9
1.7
1.5
1.3
1.1
0.9
0.7
0.5
4.0
5.0
1196/98 G16
3.0
3.5
4.5
5.5
6.0
TA = 25°C
*AS THE FREQUENCY IS DECREASED FROM 12MHz, MINIMUM CLOCK FREQUENCY (
∆ERROR ≤ 0.1LSB) REPRESENTS THE
FREQUENCY AT WHICH A 0.1LSB SHIFT IN ANY CODE TRANSITION FROM ITS 12MHz VALUE IS FIRST DETECTED.
Minimum Clock Rate for
0.1LSB* Error
SUPPLY VOLTAGE (V)
2.5
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
4.0
5.0
1196/98 G14
3.0
3.5
4.5
5.5
6.0
TA = 25°C
VREF = VCC


Similar Part No. - LTC1198-2BC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1198-2BCS8-PBF LINER-LTC1198-2BCS8-PBF Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1198-2BCS8-TRPBF LINER-LTC1198-2BCS8-TRPBF Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
More results

Similar Description - LTC1198-2BC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_1 Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Linear Technology
LTC1400 LINER-LTC1400 Datasheet
515Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com