Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1235CS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1235CS
Description  Microprocessor Supervisory Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1235CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1235CS Datasheet HTML 7Page - Linear Technology LTC1235CS Datasheet HTML 8Page - Linear Technology LTC1235CS Datasheet HTML 9Page - Linear Technology LTC1235CS Datasheet HTML 10Page - Linear Technology LTC1235CS Datasheet HTML 11Page - Linear Technology LTC1235CS Datasheet HTML 12Page - Linear Technology LTC1235CS Datasheet HTML 13Page - Linear Technology LTC1235CS Datasheet HTML 14Page - Linear Technology LTC1235CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1235
S
APPLICATI
I FOR ATIO
Table 1 shows the state of each pin during battery backup.
If the backup battery is not used, connect VBATT to GND
and VOUT to VCC.
IN and CE OUT, control the Chip Enable or Write inputs of
CMOS RAM. When VCC is +5V, CE OUT follows CE IN with
a typical propagation delay of 20ns. When VCC falls below
the reset voltage threshold or VBATT, CE OUT is forced
high, independent of CE IN. CE OUT is an alternative signal
to drive the CE, CS, or Write input of battery-backed up
CMOS RAM. CE OUT can also be used to drive the Store
or Write input of an EEPROM, EAROM or NOVRAM to
achieve similar protection. Figure 6 shows the timing
diagram of CE IN and CE OUT.
CE IN can be derived from the microprocessor’s address
decoder output. Figure 7 shows a typical nonvolatile
CMOS RAM application.
Figure 6. Timing Diagram for CE IN and CE OUT
SIGNAL
STATUS
VCC
C2 monitors VCC for active switchover.
BACKUP
BACKUP is ignored.
VOUT
VOUT is connected to VBATT through an internal PMOS switch.
VBATT
The supply current is 1
µA maximum.
BATT ON
Logic high. The open circuit output voltage is equal to VOUT.
PFI
Power Failure Input is ignored.
PFO
Logic low
PB RST
PB RST is ignored.
RESET
Logic low
RESET
Logic high. The open circuit output voltage is equal to VOUT.
LOW LINE Logic low
WDI
Watchdog Input is ignored.
WDO
Logic high. The open circuit output voltage is equal to VOUT.
CE IN
Chip Enable Input is ignored.
CE OUT
Logic high. The open circuit output voltage is equal to VOUT.
Table 1. Input and Output Status in Battery Backup Mode
Memory Protection
The LTC1235 includes memory protection circuitry which
ensures the integrity of the data in memory by preventing
write operations when VCC is at invalid level. Two pins, CE
+5V
+3V
0.1µF
10µF
VBATT
VCC
LTC1235
VOUT
GND
LTC1235 F06
VCC
RESET
CE IN
CE OUT
BACKUP
0.1µF
TO µP
FROM DECODER
CS
20ns PROPAGATION DELAY
62512
RAM
+
GND
Figure 7. A Typical Nonvolatile CMOS RAM Application
VCC
V1
CE IN
VOUT = VBATT
VOUT = VBATT
V2
V1 = RESET VOLTAGE THRESHOLD
V2 = RESET VOLTAGE THRESHOLD +
RESET THRESHOLD HYSTERESIS
LTC1235 F06
CE OUT
BACKUP = VCC


Similar Part No. - LTC1235CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1235CSW LINER-LTC1235CSW Datasheet
234Kb / 16P
   Microprocessor Supervisory Circuit
LTC1235CSW-PBF LINER-LTC1235CSW-PBF Datasheet
234Kb / 16P
   Microprocessor Supervisory Circuit
LTC1235CSW-TRPBF LINER-LTC1235CSW-TRPBF Datasheet
234Kb / 16P
   Microprocessor Supervisory Circuit
More results

Similar Description - LTC1235CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM1232 AD-ADM1232 Datasheet
122Kb / 6P
   Microprocessor Supervisory Circuit
REV. B
ADM809-5S AD-ADM809-5S_15 Datasheet
238Kb / 8P
   Microprocessor Supervisory Circuit
REV. B
ADM1232 AD-ADM1232_15 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com