Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC807-16-B0RFG Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BC807-16-B0RFG
Description  0.3 Watts, PNP Plastic-Encasulate Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC807-16-B0RFG Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BC807-16-B0RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC807-16-B0RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC807-16-B0RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC807-16-B0RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BC807-16-B0RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- For switching, AF driver and amplifer applications
- Complementary NPN type available (BC817)
- Case: SOT- 23, Molded plastic
- Terminal: Solderable per MIL-STD-202, method 208
- Case material: Molded plastic, UL flammability
classification rating 94V-0
- Moisture sensitivity: Level 1 per J-STD-020C
- Lead free plating
SOT-23
- Weight: 0.008grams (approximately)
SYMBOL
UNIT
PD
W
IC
A
TJ
°C
TSTG
°C
SYMBOL
UNIT
Collector-Base Breakdown Voltage
IC = -10 µA
IE = 0
VCBO
V
Collector-Emitter Breakdown Voltage
IC = -10 mA
IB = 0
VCEO
V
IE = -1 µA
IC = 0
VEBO
V
VCB = -45 V
IE = 0
µ
A
VCB = -40 V
IB = 0
µ
A
Emitter Cut-off Current
VEB = -4 V
IC = 0
IEBO
µ
A
IB = 50 mA
VCE(sat)
V
IB = 50 mA
VBE(sat)
V
Transition Frequency
VCE = -5 V IC = -10 mA f = 50MHz
fT
MHz
Document Number: DS_S1404007
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
BC807-16/-25/-40
MECHANICAL DATA
FEATURES
0.3
- Ideally suited for automatic insertion
- Epitaxial planar die construction
Taiwan Semiconductor
VALUE
Small Signal Product
0.3 Watts, PNP Plastic-Encasulate Transistor
PARAMETER
250
-0.5
-55 to + 150
Power Dissipation
Collector Current - Continuous
Storage Temperature Range
PARAMETER
100
DC Current Gain
807-16
807-25
807-40
160
400
250
600
ICBO
-0.1
-0.2
Version: F14
Collector Cut-off Current
Emitter-Base Breakdown Voltage
-5
VCE = -1 V IC = -100 mA
VALUE
hFE(1)
Collector-Emitter Saturation Voltage
at IC = -500mA
-0.1
-0.7
80
Junction Temperature
150
Base-Emitter Saturation Voltage
at IC = -500 mA
-1.2
-50
-45


Similar Part No. - BC807-16-B0RFG

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
BC807-16-25-40-SOT23 YFWDIODE-BC807-16-25-40-SOT23 Datasheet
2Mb / 3P
   PNP Transistors
logo
Diodes Incorporated
BC807-16-7 DIODES-BC807-16-7 Datasheet
59Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS11208 Rev. 9 - 2
BC807-16-7-F DIODES-BC807-16-7-F Datasheet
311Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS11208 Rev. 15 - 2
logo
Pan Jit International I...
BC807-16-AU PANJIT-BC807-16-AU Datasheet
542Kb / 6P
   Silicon PNP General Purpose Transistors
April 19,2019-REV.07
BC807-16-AU_R1_000A1 PANJIT-BC807-16-AU_R1_000A1 Datasheet
542Kb / 6P
   Silicon PNP General Purpose Transistors
April 19,2019-REV.07
More results

Similar Description - BC807-16-B0RFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BC807 TSC-BC807 Datasheet
221Kb / 3P
   0.3 Watts, PNP Plastic-Encasulate Transistor
BC807-16 TSC-BC807-16_12 Datasheet
340Kb / 2P
   0.3 Walts, PNP Plastic-Encasulate Transistor
BC807-16 TSC-BC807-16 Datasheet
83Kb / 2P
   0.3 Watts PNP Plastic-Encapsulate Transistors
BC856A TSC-BC856A Datasheet
88Kb / 3P
   0.2 Watts PNP Plastic-Encapsulate Transistors
MMBT3906 TSC-MMBT3906 Datasheet
303Kb / 3P
   30.3 Watts PNP Plastic-Encapsulate Transistors
logo
Motorola, Inc
MJE3439 MOTOROLA-MJE3439 Datasheet
100Kb / 4P
   0.3 AMPERE POWER TRANSISTOR NPN SILICON 350 VOLTS 15 WATTS
logo
Microsemi Corporation
23A003 MICROSEMI-23A003 Datasheet
127Kb / 4P
   0.3 Watts, 15 Volts, Class A
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
   PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
   PNP Plastic Encapsulated Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com