Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1627 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1627
Description  Monolithic Synchronous Step-Down Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1627 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1627_15 Datasheet HTML 4Page - Linear Technology LTC1627_15 Datasheet HTML 5Page - Linear Technology LTC1627_15 Datasheet HTML 6Page - Linear Technology LTC1627_15 Datasheet HTML 7Page - Linear Technology LTC1627_15 Datasheet HTML 8Page - Linear Technology LTC1627_15 Datasheet HTML 9Page - Linear Technology LTC1627_15 Datasheet HTML 10Page - Linear Technology LTC1627_15 Datasheet HTML 11Page - Linear Technology LTC1627_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1627
frequency. The actual reduction in average current is less
than for peak current.
The basic LTC1627 application circuit is shown in Figure
1. External component selection is driven by the load
requirement and begins with the selection of L followed by
CIN and COUT.
Inductor Value Calculation
The inductor selection will depend on the operating fre-
quency of the LTC1627. The internal preset frequency is
350kHz, but can be externally synchronized up to 525kHz.
The operating frequency and inductor selection are inter-
related in that higher operating frequencies allow the use
of smaller inductor and capacitor values. However, oper-
ating at a higher frequency generally results in lower
efficiency because of internal gate charge losses.
The inductor value has a direct effect on ripple current. The
ripple current
∆IL decreases with higher inductance or
frequency and increases with higher VIN or VOUT.
∆I
fL
V
V
V
L
OUT
OUT
IN
= ()( )


1
1
(1)
Accepting larger values of
∆IL allows the use of low
inductances, but results in higher output voltage ripple
and greater core losses. A reasonable starting point for
setting ripple current is
∆IL = 0.4(IMAX).
The inductor value also has an effect on Burst Mode
operation. The transition to low current operation begins
when the inductor current peaks fall to approximately
200mA. Lower inductor values (higher
∆IL) will cause this
to occur at lower load currents, which can cause a dip in
efficiency in the upper range of low current operation. In
Burst Mode operation, lower inductance values will cause
the burst frequency to increase.
Inductor Core Selection
Once the value for L is known, the type of inductor must be
selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite, molypermalloy,
or Kool M
µ® cores. Actual core loss is independent of core
size for a fixed inductor value, but it is very dependent on
inductance selected. As inductance increases, core losses
go down. Unfortunately, increased inductance requires
more turns of wire and therefore copper losses will
increase.
Ferrite designs have very low core losses and are preferred
at high switching frequencies, so design goals can con-
centrate on copper loss and preventing saturation. Ferrite
core material saturates “hard,” which means that induc-
tance collapses abruptly when the peak design current is
exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
Kool M
µ (from Magnetics, Inc.) is a very good, low loss
core material for toroids with a “soft” saturation character-
istic. Molypermalloy is slightly more efficient at high
(>200kHz) switching frequencies but quite a bit more
expensive. Toroids are very space efficient, especially
when you can use several layers of wire, while inductors
wound on bobbins are generally easier to surface mount.
New designs for surface mount are available from
Coiltronics, Coilcraft and Sumida.
CIN and COUT Selection
In continuous mode, the source current of the top MOSFET
is a square wave of duty cycle VOUT/VIN. To prevent large
voltage transients, a low ESR input capacitor sized for the
maximum RMS current must be used. The maximum
RMS capacitor current is given by:
CI
VV
V
V
IN
MAX
OUT
IN
OUT
IN
required IRMS
()
[]12/
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is com-
monly used for design because even significant deviations
do not offer much relief. Note that capacitor manufacturer’s
ripple current ratings are often based on 2000 hours of life.
This makes it advisable to further derate the capacitor, or
choose a capacitor rated at a higher temperature than
required. Several capacitors may also be paralleled to meet
size or height requirements in the design. Always consult the
manufacturer if there is any question.
Kool M
µ is a registered trademark of Magnetics, Inc.
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1627_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1627CS8 LINER-LTC1627CS8 Datasheet
324Kb / 16P
   Monolithic Synchronous Step-Down Switching Regulator
LTC1627IS8 LINER-LTC1627IS8 Datasheet
324Kb / 16P
   Monolithic Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC1627_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1627 LINER-LTC1627 Datasheet
324Kb / 16P
   Monolithic Synchronous Step-Down Switching Regulator
LTC1707 LINER-LTC1707 Datasheet
213Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC1707 LINER-LTC1707_1 Datasheet
222Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC1707 LINER-LTC1707_15 Datasheet
228Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Switching Regulator
LTC1625 LINER-LTC1625_15 Datasheet
387Kb / 24P
   Synchronous Step-Down Switching Regulator
LTC1875 LINER-LTC1875_15 Datasheet
268Kb / 20P
   1.5A Monolithic Synchronous Step-Down Regulator
LTC3851-1 LINER-LTC3851-1_15 Datasheet
362Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
LTC3729L-6 LINER-LTC3729L-6 Datasheet
347Kb / 28P
   PolyPhase, Synchronous Step-Down Switching Regulator
LTC1629-6 LINER-LTC1629-6_15 Datasheet
306Kb / 28P
   PolyPhase, Synchronous Step-Down Switching Regulator
LTC3851 LINER-LTC3851 Datasheet
320Kb / 28P
   Synchronous Step-Down Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com