Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1558-3.3 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1558-3.3
Description  Backup Battery Controller with Programmable Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1558-3.3 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1558-3.3_15 Datasheet HTML 2Page - Linear Technology LTC1558-3.3_15 Datasheet HTML 3Page - Linear Technology LTC1558-3.3_15 Datasheet HTML 4Page - Linear Technology LTC1558-3.3_15 Datasheet HTML 5Page - Linear Technology LTC1558-3.3_15 Datasheet HTML 6Page - Linear Technology LTC1558-3.3_15 Datasheet HTML 7Page - Linear Technology LTC1558-3.3_15 Datasheet HTML 8Page - Linear Technology LTC1558-3.3_15 Datasheet HTML 9Page - Linear Technology LTC1558-3.3_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1558-3.3/LTC1558-5
PIN FUNCTIONS
LOBAT (Pin 9): Low-Battery Detector Output. This is an
open-drain output that pulls low when the backup cell
drops below 1V. It gives early warning to the system
controller that the backup cell is getting weak. This pin is
disabled when the LTC1558 is in trickle charge mode.
RESET (Pin 12): System Reset, Active High. This is a TTL-
compatible output driver. It can be used to connect to
systems that require active high logic. The RESET output
will go high whenever RESET is pulled low. If RESET is
externally pulled low, RESET will go high.
VBAT
BACKUP
RESET
VCC
VBAK
1558 SW02
200ms
RATED BATTERY TERMINAL VOLTAGE
RATED VCC VOLTAGE
–6%
1
2
3
4
SWITCHING WAVEFORMS
LEVEL SENSE
AND DEBOUNCE
THERMAL
LIMIT
SHUTDOWN
LOGIC
BANDGAP
VREF = 1.272V
CHARGER
RESET
GENERATOR
BOOST/BACKUP
LOGIC
GAS GAUGE
VREF
VREF
VCC
SHDN
FB
RESET
N1
P1
VBAK
VCC/VBAK
CTL
SW
+
+
UVLO
DETECTOR
RESET
BACKUP
LOBAT
1558 BD
BLOCK DIAGRAM
+
R1
1558 SW01
VBAT
MAIN
BATTERY
CIN
MULTIPLE
POWER
OUTPUTS
R2
1.2V
NiCd
SW
LTC1558
RESET
VBAK
QEXT
VCC
BACKUP
TO
SYSTEM
CONTROL
FB
VIN
FOR MORE DETAILED APPLICATION SCHEMATICS
PLEASE REFER TO THE TYPICAL APPLICATIONS SECTION
MAIN SYSTEM
REGULATOR
Simplified LTC1558 Connections in a
Battery Backup System
Cold Power Boot-Up (Main Battery Replaced/Turned On)


Similar Part No. - LTC1558-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1558-3.3 LINER-LTC1558-3.3 Datasheet
254Kb / 20P
   Backup Battery Controller with Programmable Output
More results

Similar Description - LTC1558-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1558-3.3 LINER-LTC1558-3.3 Datasheet
254Kb / 20P
   Backup Battery Controller with Programmable Output
LTC1558-5 LINER-LTC1558-5_15 Datasheet
259Kb / 20P
   Backup Battery Controller with Programmable Output
LTC1559-3.3 LINER-LTC1559-3.3_15 Datasheet
252Kb / 20P
   Backup Battery Controller with Fixed Output
LTC1559-5 LINER-LTC1559-5_15 Datasheet
252Kb / 20P
   Backup Battery Controller with Fixed Output
LTC1559-3.3 LINER-LTC1559-3.3 Datasheet
252Kb / 20P
   Backup Battery Controller with Fixed Output
logo
Maxim Integrated Produc...
MAX16023 MAXIM-MAX16023 Datasheet
269Kb / 17P
   Battery-Backup Circuits with Regulated Output Voltage
Rev 0; 8/08
MAX20094 MAXIM-MAX20094 Datasheet
1Mb / 32P
   Backup Battery Charger and Boost Controller
2020
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
   Backup Battery Charger
logo
Rohm
BA6129AF ROHM-BA6129AF Datasheet
108Kb / 9P
   Reset IC with battery backup function
logo
ON Semiconductor
NCS32100 ONSEMI-NCS32100 Datasheet
915Kb / 29P
   Inductive Position Sensor with Battery Backup
November, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com