Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3504 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3504
Description  Quad 40V/1A Step-Down Switching Regulator with 100 Duty Cycle Operation
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3504 Datasheet(HTML) 3 Page - Linear Technology

  LT3504_15 Datasheet HTML 1Page - Linear Technology LT3504_15 Datasheet HTML 2Page - Linear Technology LT3504_15 Datasheet HTML 3Page - Linear Technology LT3504_15 Datasheet HTML 4Page - Linear Technology LT3504_15 Datasheet HTML 5Page - Linear Technology LT3504_15 Datasheet HTML 6Page - Linear Technology LT3504_15 Datasheet HTML 7Page - Linear Technology LT3504_15 Datasheet HTML 8Page - Linear Technology LT3504_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3504
3
3504fa
For more information www.linear.com/LT3504
elecTrical characTerisTics
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3504EUF is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT3504IUF is guaranteed over the full –40°C to 125°C operating junction
temperature range.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V unless otherwise noted.
Note 3: Current flows into pin.
Note 4: Quiescent current (VIN) is measured at VEN/UVLO = 1V
Note 5: Current flows out of pin.
Note 6: Current limit is guaranteed by design and/or correlation to static
test. Slope compensation reduces current limit at higher duty cycles.
Note 7: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RUN/SS Pin Source Current
VRUN/SS = 0V
1.3
µA
RUN/SS Pin Threshold for Switching
VFB = 0V
50
100
mV
Feedback Voltage
l
790
784
800
800
810
816
mV
mV
FB Pin Current
VFB = Measured VFB (Note 5)
l
15
150
nA
Reference Line Regulation
VIN = 5V to 40V
–0.015
%/V
SKY Pin Current
ISW = 1A
27
40
mA
SKY Voltage above VIN Voltage
VSKY – VIN
4.85
V
Switching Frequency
RT = 6.34k
RT = 18.2k
RT = 100k
l
l
l
1.8
0.85
200
2.1
1
250
2.4
1.15
300
MHz
MHz
kHz
Switching Phase
RT = 18.2k
150
180
210
Deg
SYNC Threshold Voltage
1.25
V
SYNC Input Frequency
0.35
2.2
MHz
Switch Current Limit (SW1,2,3,4)
(Note 6)
1.45
1.75
2.1
A
Switch VCESAT (SW1,2,3,4)
ISW = 1A
400
mV
Switch Leakage Current (SW1,2,3,4)
0.1
2
µA
Catch Diode Current Limit (SW1,2,3,4)
FB = 0V
FB = 0.7V
0.75
1.0
1.15
1.45
1.33
1.67
A
A
Switch Current Limit (SW5)
(Note 6)
220
320
mA
Switch VCESAT (SW5)
ISW = 200mA
230
mV
Switch Leakage Current (SW5)
0.1
2
µA
Boost Diode Current Limit (SW5)
VIN = 5V
350
450
mA
PG Threshold Offset
VFB Rising
65
90
125
mV
PG Hysteresis
VFB Rising – VFB Falling
35
mV
PG Voltage Output Low
IPG = 250µA
180
300
mV
PG Pin Leakage
VPG = 2V
0.01
1
µA


Similar Part No. - LT3504_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3504 LINER-LT3504 Datasheet
564Kb / 6P
   The demo circuit 1207A is a quad current mode PWM stepdown DC/DC converter featuring the LT짰3504
More results

Similar Description - LT3504_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3514 LINER-LT3514_15 Datasheet
476Kb / 26P
   Triple Step-Down Switching Regulator with 100 Duty Cycle Operation
LT3514 LINER-LT3514 Datasheet
330Kb / 6P
   Triple Step-Down Switching Regulator with 100% Duty Cycle Operation
logo
ON Semiconductor
NCV890430 ONSEMI-NCV890430 Datasheet
160Kb / 9P
   Duty Cycle Step-Down Synchronous Regulator
June, 2015 ??Rev. P3
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
logo
ams AG
AS1341 AMSCO-AS1341 Datasheet
841Kb / 16P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
AS1341 AMSCO-AS1341_1 Datasheet
925Kb / 17P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com