Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3502A Datasheet(PDF) 10 Page - Linear Technology

Part # LT3502A
Description  1.1MHz/2.2MHz, 500mA Step-Down Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3502A Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3502A_15 Datasheet HTML 6Page - Linear Technology LT3502A_15 Datasheet HTML 7Page - Linear Technology LT3502A_15 Datasheet HTML 8Page - Linear Technology LT3502A_15 Datasheet HTML 9Page - Linear Technology LT3502A_15 Datasheet HTML 10Page - Linear Technology LT3502A_15 Datasheet HTML 11Page - Linear Technology LT3502A_15 Datasheet HTML 12Page - Linear Technology LT3502A_15 Datasheet HTML 13Page - Linear Technology LT3502A_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT3502/LT3502A
10
3502fd
applications inForMation
Figure 1. Continuous Mode Operation Near
Minimum On-Time of 60ns
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the 1% resis-
tors according to:
R1= R2
VOUT
0.8V
– 1
R2 should be 20k or less to avoid bias current errors.
Reference designators refer to the Block Diagram.
Input Voltage Range
The input voltage range for the LT3502/LT3502A applica-
tions depends on the output voltage and on the absolute
maximum ratings of the VIN and BOOST pins.
The minimum input voltage is determined by either the
LT3502/LT3502A’s minimum operating voltage of 3V, or
by its maximum duty cycle. The duty cycle is the fraction
of time that the internal switch is on and is determined
by the input and output voltages:
DC =
VOUT + VD
VIN – VSW + VD
where VD is the forward voltage drop of the catch diode
(~0.4V) and VSW is the voltage drop of the internal switch
(~0.45V at maximum load). This leads to a minimum input
voltage of:
VIN(MIN) =
VOUT + VD
DCMAX
– VD + VSW
with DCMAX = 0.80 for the LT3502A and 0.90 for the
LT3502.
The maximum input voltage is determined by the
absolute maximum ratings of the VIN and BOOST pins. For
fixed frequency operation, the maximum input voltage is
determined by the minimum duty cycle DCMIN:
VIN(MAX) =
VOUT + VD
DCMIN
– VD + VSW
DCMIN = 0.15 for the LT3502A and 0.08 for the LT3502.
VSW
20V/DIV
VOUT
100mV/DIV
1µs/DIV
VIN = 33V, VOUT = 3.3V
L = 6.8µH, COUT = 10µF, IOUT = 250mA
3502 F01
IL
500mA/DIV
Note that this is a restriction on the operating input volt-
age for fixed frequency operation; the circuit will tolerate
transient inputs up to the absolute maximum ratings of
the VIN and BOOST pins. The input voltage should be
limited to the VIN operating range (40V) during overload
conditions.
Minimum On-Time
The LT3502/LT3502A will still regulate the output at input
voltages that exceed VIN(MAX) (up to 40V), however, the
output voltage ripple increases as the input voltage is
increased.
As the input voltage is increased, the part is required to
switch for shorter periods of time. Delays associated with
turning off the power switch dictate the minimum on-time
of the part. The minimum on-time for the LT3502/LT3502A
is 60ns (Figure 1).
When the required on-time decreases below the mini-
mum on-time of 60ns, instead of the switch pulse width
becoming narrower to accommodate the lower duty cycle
requirement, the switch pulse width remains fixed at
60ns. The inductor current ramps up to a value exceed-
ing the load current and the output ripple increases. The
part then remains off until the output voltage dips below
the programmed value before it begins switching again
(Figure 2).
Provided that the load can tolerate the increased output
voltagerippleandthatthecomponentshavebeenproperly
selected, operation above VIN(MAX) is safe and will not
damage the part.


Similar Part No. - LT3502A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3502AEDC-PBF LINER-LT3502AEDC-PBF Datasheet
386Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
LT3502AEDC-TRPBF LINER-LT3502AEDC-TRPBF Datasheet
386Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
LT3502AEMS-PBF LINER-LT3502AEMS-PBF Datasheet
386Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
LT3502AEMS-TRPBF LINER-LT3502AEMS-TRPBF Datasheet
386Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
LT3502AIDC-PBF LINER-LT3502AIDC-PBF Datasheet
386Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
More results

Similar Description - LT3502A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3502 LINER-LT3502_15 Datasheet
460Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators
LT3502 LINER-LT3502 Datasheet
386Kb / 24P
   1.1MHz/2.2MHz, 500mA Step-Down Regulators in 2mm 횞 2mm DFN and MS10
logo
Microsemi Corporation
LX1911 MICROSEMI-LX1911 Datasheet
152Kb / 7P
   1.5A, 1.1MHZ PWM Step-Down Regulator
logo
Monolithic Power System...
MP28262 MPS-MP28262 Datasheet
331Kb / 14P
   2A, 21V, 1.1MHz Synchronous Step-down Converter
logo
Richtek Technology Corp...
RT8030 RICHTEK-RT8030 Datasheet
136Kb / 11P
   1A, 2.2MHz, Synchronous Step-Down Regulator
logo
Advanced Analogic Techn...
AAT1120 ANALOGICTECH-AAT1120 Datasheet
717Kb / 20P
   500mA Step-Down Converter
logo
Linear Technology
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator
logo
Skyworks Solutions Inc.
AAT1120 SKYWORKS-AAT1120 Datasheet
960Kb / 19P
   500mA Step-Down Converter
logo
Monolithic Power System...
MP28265 MPS-MP28265 Datasheet
373Kb / 14P
   21V, 5A, 1.1MHz Synchronous Step-down Converter
MP28275 MPS-MP28275 Datasheet
407Kb / 14P
   7V, 5A, 1.1MHz Synchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com