Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3493 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3493
Description  1.2A, 750kHz Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3493 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3493_15 Datasheet HTML 3Page - Linear Technology LT3493_15 Datasheet HTML 4Page - Linear Technology LT3493_15 Datasheet HTML 5Page - Linear Technology LT3493_15 Datasheet HTML 6Page - Linear Technology LT3493_15 Datasheet HTML 7Page - Linear Technology LT3493_15 Datasheet HTML 8Page - Linear Technology LT3493_15 Datasheet HTML 9Page - Linear Technology LT3493_15 Datasheet HTML 10Page - Linear Technology LT3493_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3493
7
3493fb
OPERATION (Refer to Block Diagram)
The LT3493 is a constant frequency, current mode step-
down regulator. A 750kHz oscillator enables an RS flip-flop,
turning on the internal 1.75A power switch Q1. An amplifier
and comparator monitor the current flowing between the
VIN and SW pins, turning the switch off when this current
reaches a level determined by the voltage at VC. An error
amplifier measures the output voltage through an external
resistor divider tied to the FB pin and servos the VC node.
If the error amplifier’s output increases, more current is
delivered to the output; if it decreases, less current is
delivered. An active clamp (not shown) on the VC node
provides current limit. The VC node is also clamped to
the voltage on the SHDN pin; soft-start is implemented
by generating a voltage ramp at the SHDN pin using an
external resistor and capacitor.
An internal regulator provides power to the control circuitry.
This regulator includes an undervoltage lockout to prevent
switching when VIN is less than ~3.4V. The SHDN pin is
used to place the LT3493 in shutdown, disconnecting the
output and reducing the input current to less than 2μA.
The switch driver operates from either the input or from
the BOOST pin. An external capacitor and diode are used
to generate a voltage at the BOOST pin that is higher than
the input supply. This allows the driver to fully saturate the
internal bipolar NPN power switch for efficient operation.
The oscillator reduces the LT3493’s operating frequency
when the voltage at the FB pin is low. This frequency
foldback helps to control the output current during start-
up and overload.


Similar Part No. - LT3493_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493-3 LINER-LT3493-3_15 Datasheet
387Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator
LT3493EDCB LINER-LT3493EDCB Datasheet
592Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493EDCB-3 LINER-LT3493EDCB-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493EDCB-PBF LINER-LT3493EDCB-PBF Datasheet
592Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
More results

Similar Description - LT3493_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3493-3 LINER-LT3493-3_15 Datasheet
387Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493 LINER-LT3493 Datasheet
592Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3505 LINER-LT3505_15 Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator
LT3663 LINER-LT3663_15 Datasheet
352Kb / 16P
   1.2A Step-Down Switching Regulator with Output Current Limit
logo
First Silicon Co., Ltd
FTD6811 FS-FTD6811 Datasheet
1Mb / 16P
   1.5MHz 1.2A Synchronous Step-Down Regulator
logo
Global Mixed-mode Techn...
G5698 GMT-G5698 Datasheet
71Kb / 1P
   1.2MHz, 1.2A Synchronous Step-Down Regulator
logo
Linear Technology
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
logo
Shenzhen Huazhimei Semi...
HM8112 HMSEMI-HM8112 Datasheet
1Mb / 7P
   30V 1.2A 1.4MHz Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com