Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1164-8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1164-8
Description  Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1164-8 Datasheet HTML 4Page - Linear Technology LTC1164-8 Datasheet HTML 5Page - Linear Technology LTC1164-8 Datasheet HTML 6Page - Linear Technology LTC1164-8 Datasheet HTML 7Page - Linear Technology LTC1164-8 Datasheet HTML 8Page - Linear Technology LTC1164-8 Datasheet HTML 9Page - Linear Technology LTC1164-8 Datasheet HTML 10Page - Linear Technology LTC1164-8 Datasheet HTML 11Page - Linear Technology LTC1164-8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1164-8
APPLICATIONS INFORMATION
Printed Circuit Layout
For optimum filter performance, an LTC1164-8 should be
operating on a printed circuit board that has been laid out
for precision analog signal processing circuits. On a
printed circuit board, an LTC1164-8 should be surrounded
with an adequate analog signal ground plane and its power
supply pins bypassed to ground with 0.1
µF capacitors.
The ground plane of an LTC1164-8 and any digital ground
plane should preferably meet at a single point on a system
ground (star system ground).
The following external filter connections should be one
inch or less:
N Package
Resistor RIN to Pin 2
Pin 14 to Pin 7
Pin 9 to the Inverting Node of an External Op Amp
Ground Pins 1, 3, 5, 6, 8, 10 and 13
SW Package
Resistor RIN to Pin 2
Pin 16 to Pin 8
Pin 9 to the Inverting Node of External Op Amp
Ground Pins 1, 3, 5, 6, 7, 10, 11, 13 and 15
Any signal or power supply printed circuit traces should
be at least 0.2 inches away from the above mentioned
connections (this rule applies also to the routing of the
printed circuit trace originating from a clock source in a
digital circuit and terminating at a clock input pin of an
LTC1164-8). Operating an LTC1164-8 in an IC socket is
not recommended.
Tone Detector and Average Value Circuit
TYPICAL APPLICATIONS N
RF
61.9k
CF
C1
5k
5k
R2
100k
5k
5k
1N458
R1
10k
1/2 LT1413
5V
4
11
–5V
1/2 LT1413
0.1
µF
0.1
µF
C2
VOUT = AVERAGE OF ABS [VPEAK × SIN (2π × fCENTER × t)], ±10% FROM 1VP-P TO 7VP-P
RIN = 340k/GAIN; fCENTER = fCLK/100; 1/(2π × RF × CF) ≥ 10 × fCENTER
1/(2
π × R1 × C1) ≤ fCENTER/10; 1/(2π × R2 × C2) ≤ fCENTER/25; R2 × C2 = R3 × C3
1/2 LT1413
1N458
A
B
A
5k
5k
R3
100k
VOUT
LTC1164-8 • TA03
1/2 LT1413
C3
B
0.1
µF
0.1
µF
1N4148
LTC1164-8
–5V
5V
1N4148
VIN
RIN
340k
fCLK
100kHz
1
2
3
4
5
6
7
14
13
12
11
10
9
8


Similar Part No. - LTC1164-8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-8 LINER-LTC1164-8 Datasheet
366Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
LTC1164-8 LINER-LTC1164-8_09 Datasheet
361Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
LTC1164-8 LINER-LTC1164-8_15 Datasheet
366Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
More results

Similar Description - LTC1164-8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-8 LINER-LTC1164-8_09 Datasheet
361Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
LTC1164-8 LINER-LTC1164-8_15 Datasheet
366Kb / 12P
   Ultraselective, Low Power 8th Order Elliptic Bandpass Filter with Adjustable Gain
LTC1069-1 LINER-LTC1069-1_15 Datasheet
147Kb / 10P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1064-1 LINER-LTC1064-1 Datasheet
528Kb / 8P
   Low Noise,8th Order Clock Sweepable Elliptic Lowpass Filter?
LTC1064-1 LINER-LTC1064-1_15 Datasheet
181Kb / 8P
   Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1064-1 LINER-LTC1064-1_09 Datasheet
175Kb / 8P
   Low Noise, 8th Order, Clock Sweepable Elliptic Lowpass Filter
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com