Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1789-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1789-1
Description  Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1789-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1789-1_15 Datasheet HTML 2Page - Linear Technology LT1789-1_15 Datasheet HTML 3Page - Linear Technology LT1789-1_15 Datasheet HTML 4Page - Linear Technology LT1789-1_15 Datasheet HTML 5Page - Linear Technology LT1789-1_15 Datasheet HTML 6Page - Linear Technology LT1789-1_15 Datasheet HTML 7Page - Linear Technology LT1789-1_15 Datasheet HTML 8Page - Linear Technology LT1789-1_15 Datasheet HTML 9Page - Linear Technology LT1789-1_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT1789-1/LT1789-10
6
1789fc
SYMBOL PARAMETER
CONDITIONS
LT1789-1
LT1789-10
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
G
Gain Range
LT1789-1, G = 1 + (200k/RG)
LT1789-10, G = 10 • [1+ (200k/RG)]
1
1000
10
1000
Gain Error
VO = ±10V
G = 1
G = 10 (Note 2)
G = 100 (Note 2)
G = 1000 (Note 2)
0.01
0.04
0.04
0.07
0.10
0.15
0.15
0.20
0.01
0.03
0.03
0.15
0.20
0.25
%
%
%
%
Gain Nonlinearity
VO = ±10V
G = 1
G = 10
G = 100
G = 1000
8
1
6
20
20
10
20
100
5
5
25
40
40
160
ppm
ppm
ppm
ppm
VOST
Total Input Referred Offset Voltage VOST = VOSI + VOSO/G
VOSI
Input Offset Voltage
G = 1000
30
235
30
295
μV
VOSO
Output Offset Voltage
G = 1 (LT1789-1), G =10 (LT1789-10)
0.2
1
0.6
3.3
mV
IOS
Input Offset Current
0.2
4
0.2
4
nA
IB
Input Bias Current
17
40
17
40
nA
en
Input Noise Voltage, RTI
fO = 0.1Hz to 10Hz
G = 1
G = 10
G = 100, 1000
5.0
1.5
1.0
4.6
1.1
μVP-P
μVP-P
μVP-P
Total RTI Noise = √eni2 + (eno/G)2
eni
Input Noise Voltage Density, RTI
fO = 1kHz
49
90
53
95
nV/√Hz
eno
Output Noise Voltage Density, RTI fO = 1kHz
330
270
nV/√Hz
in
Input Noise Current
fO = 0.1Hz to 10Hz
19
19
pAP-P
Input Noise Current Density
fO = 1kHz
62
62
fA/√Hz
RIN
Input Resistance
2
4.7
2
4.7
CIN
Input Capacitance
Differential
Common Mode
20
17
20
17
pF
pF
VCM
Input Voltage Range
–15
–14
–15
–14
V
CMRR
Common Mode Rejection Ratio
1k Source Imbalance, VCM = –15V to 14V
G = 1
G = 10
G = 100, 1000
80
98
102
89
108
117
93
102
108
123
dB
dB
dB
PSRR
Power Supply Rejection Ratio
LT1789-1 VS = ±1.25V to ±16V
LT1789-10 VS = ±1.50V to ±16V
G = 1
G = 10
G = 100, 1000
94
104
102
107
118
121
100
106
115
123
dB
dB
dB
Minimum Supply Voltage
±1.25
±1.50
V
IS
Supply Current
85
130
85
130
μA
VO
Output Voltage Swing
±14.5
±14.7
±14.5
±14.7
V
ISC
Short-Circuit Current
Short to –VS
Short to +VS
2.2
8.5
2.2
8.5
mA
mA
ELECTRICAL CHARACTERISTICS
VS = ±15V, RL = 20k, VCM = VOUT = 0V, TA = 25°C, unless otherwise noted.


Similar Part No. - LT1789-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789-1 LINER-LT1789-1_1 Datasheet
332Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
More results

Similar Description - LT1789-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_1 Datasheet
332Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Renesas Technology Corp
EL8170 RENESAS-EL8170 Datasheet
985Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com