Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1765-2.5 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1765-2.5
Description  Monolithic 3A, 1.25MHz Step-Down Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1765-2.5 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1765-2.5_15 Datasheet HTML 6Page - Linear Technology LT1765-2.5_15 Datasheet HTML 7Page - Linear Technology LT1765-2.5_15 Datasheet HTML 8Page - Linear Technology LT1765-2.5_15 Datasheet HTML 9Page - Linear Technology LT1765-2.5_15 Datasheet HTML 10Page - Linear Technology LT1765-2.5_15 Datasheet HTML 11Page - Linear Technology LT1765-2.5_15 Datasheet HTML 12Page - Linear Technology LT1765-2.5_15 Datasheet HTML 13Page - Linear Technology LT1765-2.5_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT1765/LT1765-1.8/LT1765-2.5/
LT1765-3.3/LT1765-5
10
1765fd
APPLICATIONS INFORMATION
APPLICATIONS INFORMATION
Table 3
PART NUMBER
VALUE
(μH)
IRMS
(Amps)
DCR
(Ω)
HEIGHT
(mm)
Coiltcraft
DO1608C-222
2.2
2.4
0.07
2.9
Sumida
CDRH3D16-1R5
1.5
1.6
0.043
1.8
CDRH4D18-1R0
1.0
1.7
0.035
2.0
CDC5D23-2R2
2.2
2.2
0.03
2.5
CR43-1R4
1.4
2.5
0.056
3.5
CDRH5D28-2R6
2.6
2.6
0.013
3.0
Toko
(D62F)847FY-2R4M
2.4
2.5
0.037
2.7
(D73LF)817FY-2R2M
2.2
2.7
0.03
3.0
CATCH DIODE
The diode D1 conducts current only during switch off
time. Peak reverse voltage is equal to regulator input
voltage. Average forward current in normal operation can
be calculated from:
I
IV
V
V
D AVG
OUT
IN
OUT
IN
() =
()
The only reason to consider a larger than 3A diode is the
worst-case condition of a high input voltage and shorted
output.Withashortedcondition,diodecurrentwillincreaseto
a typical value of 4A, determined by peak switch current limit
of the LT1765. A higher forward voltage will also limit switch
current. This is safe for short periods of time, but it would be
prudent to check with the diode manufacturer if continuous
operation under these conditions must be tolerated.
BOOST PIN
For most applications, the boost components are a 0.18μF
capacitor and a CMDSH-3 diode. The anode is typically
connected to the regulated output voltage to generate a
voltage approximately VOUT above VIN to drive the output
stage. The output driver requires at least 2.7V of headroom
throughout the on period to keep the switch fully saturated.
However, the output stage discharges the boost capacitor
during this on time. If the output voltage is less than 3.3V,
it is recommended that an alternate boost supply is used.
The boost diode can be connected to the input, although,
care must be taken to prevent the 2x VIN boost voltage from
exceeding the BOOST pin absolute maximum rating. The
additional voltage across the switch driver also increases
power loss, reducing efficiency. If available, an independent
supply can be used with a local bypass capacitor.
A 0.18μF boost capacitor is recommended for most ap-
plications. Almost any type of film or ceramic capacitor
is suitable, but the ESR should be <1Ω to ensure it can
be fully recharged during the off time of the switch. The
capacitor value is derived from worst-case conditions of
700ns on-time, 90mA boost current, and 0.7V discharge
ripple. This value is then guard banded by 2x for secondary
factors such as capacitor tolerance, ESR and temperature
effects. The boost capacitor value could be reduced under
less demanding conditions, but this will not improve cir-
cuit operation or efficiency. Under low input voltage and
low load conditions, a higher value capacitor will reduce
discharge ripple and improve start up operation.
SHUTDOWN AND UNDERVOLTAGE LOCKOUT
Figure 4 shows how to add undervoltage lockout (UVLO)
to the LT1765. Typically, UVLO is used in situations where
the input supply is current limited, or has a relatively high
source resistance. A switching regulator draws constant
power from the source, so source current increases as
source voltage drops. This looks like a negative resistance
load to the source and can cause the source to current limit
or latch low under low source voltage conditions. UVLO
prevents the regulator from operating at source voltages
where these problems might occur.
Figure 4. Undervoltage Lockout
1.33V
GND
VSW
INPUT
R1
1765 F04
OUTPUT
SHDN
VCC
IN
LT1765
3μA
R2
C1
+
7μA


Similar Part No. - LT1765-2.5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1765-2.5 LINER-LT1765-2.5 Datasheet
247Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
More results

Similar Description - LT1765-2.5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765 LINER-LT1765 Datasheet
247Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765ES8 LINER-LT1765ES8 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765EFE-5 LINER-LT1765EFE-5 Datasheet
195Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765 LINER-LT1765_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-1.8 LINER-LT1765-1.8_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765-3.3 LINER-LT1765-3.3_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
   1.25MHz, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com