Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS5160U Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DSS5160U
Description  LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSS5160U Datasheet(HTML) 2 Page - Diodes Incorporated

  DSS5160U_15 Datasheet HTML 1Page - Diodes Incorporated DSS5160U_15 Datasheet HTML 2Page - Diodes Incorporated DSS5160U_15 Datasheet HTML 3Page - Diodes Incorporated DSS5160U_15 Datasheet HTML 4Page - Diodes Incorporated DSS5160U_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DSS5160U
Document number: DS31685 Rev. 2 - 2
2 of 5
www.diodes.com
March 2009
© Diodes Incorporated
DSS5160U
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
-80
V
IC = -100μA, IE = 0
Collector-Emitter Breakdown Voltage (Note 4)
V(BR)CEO
-60
V
IC = -10mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
V
IE = -100μA, IC = 0
Collector Cutoff Current
ICBO
-100
-50
nA
μA
VCB = -60V, IE = 0
VCB = -60V, IE = 0, TA = 150°C
Collector Cutoff Current
ICES
-100
nA
VCE = -60V, VBE = 0
Emitter Cutoff Current
IEBO
-100
nA
VEB = -5V, IC = 0
ON CHARACTERISTICS (Note 4)
DC Current Gain
hFE
200
150
100
VCE = -5V, IC = -1mA
VCE = -5V, IC = -500mA
VCE = -5V, IC = 1A
Collector-Emitter Saturation Voltage
VCE(SAT)
-175
-180
-340
mV
IC = -100mA, IB = -1mA
IC = -500mA, IB = -50mA
IC = -1A, IB = -100mA
Collector-Emitter Saturation Resistance
RCE(SAT)
340
m
IC = -1A, IB = -100mA
Base-Emitter Saturation Voltage
VBE(SAT)
-1.1
V
IC = -1A, IB = -50mA
Base-Emitter Turn On Voltage
VBE(ON)
-0.9
V
VCE = 5V, IC = 1A
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
15
pF
VCB = -10V, f = 1.0MHz
Current Gain-Bandwidth Product
fT
150
MHz
VCE = -10V, IC = -50mA, f = 100MHz
SWITCHING CHARACTERISTICS
Turn-On Time
ton
75
ns
VCC = -10V
IC = -0.5A, IB1 = IB2 = -25mA
Delay Time
td
35
ns
Rise Time
tr
40
ns
Turn-Off Time
toff
265
ns
Storage Time
ts
230
ns
Fall Time
tf
35
ns
Notes:
4. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
0
200
400
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Dissipation vs.
Ambient Temperature (Note 3)
A
600
0
R
= 313°C/W
θJA
300
500
100
0.1
1
10
100
-V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 2 Typical Collector Current
vs. Collector-Emitter Voltage (Note 3)
0.001
0.1
1
10
0.01
Pw = 100ms
Pw = 10ms
Pw = 1ms
DC


Similar Part No. - DSS5160U_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSS5160U-7 DIODES-DSS5160U-7 Datasheet
118Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5160U-7 DIODES-DSS5160U-7 Datasheet
117Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
March 2009
More results

Similar Description - DSS5160U_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPLS160 DIODES-DPLS160_15 Datasheet
171Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DXT751 DIODES-DXT751_15 Datasheet
170Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5140V DIODES-DSS5140V_15 Datasheet
122Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
2DB1689 DIODES-2DB1689_15 Datasheet
95Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5240T DIODES-DSS5240T Datasheet
101Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5220V DIODES-DSS5220V Datasheet
125Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DZT955 DIODES-DZT955 Datasheet
196Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DPLS325E DIODES-DPLS325E Datasheet
162Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DJT4030P-13 DIODES-DJT4030P-13 Datasheet
112Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DPLS315E DIODES-DPLS315E Datasheet
164Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
2DB1713 DIODES-2DB1713_15 Datasheet
98Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com