Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1156 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1156
Description  Quad High Side Micropower MOSFET Driver with Internal Charge Pump
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1156 Datasheet(HTML) 4 Page - Linear Technology

  LTC1156 Datasheet HTML 1Page - Linear Technology LTC1156 Datasheet HTML 2Page - Linear Technology LTC1156 Datasheet HTML 3Page - Linear Technology LTC1156 Datasheet HTML 4Page - Linear Technology LTC1156 Datasheet HTML 5Page - Linear Technology LTC1156 Datasheet HTML 6Page - Linear Technology LTC1156 Datasheet HTML 7Page - Linear Technology LTC1156 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
LTC1156
I
DAGRA
BLOCK
GATE CHARGE
AND DISCHARGE
CONTROL LOGIC
COMP
LOW STANDBY
CURRENT
REGULATOR
TTL-TO-CMOS
CONVERTER
100mV
REFERENCE
VOLTAGE
REGULATORS
INPUT
LATCH
OSCILLATOR
AND CHARGE
PUMP
FAST/SLOW
GATE CHARGE
LOGIC
VS
ANALOG SECTION
IN
GND
ANALOG
DIGITAL
10
µs
DELAY
GATE
DRAIN
SENSE
ONE
SHOT
R
S
1156 BD
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
SUPPLY VOLTAGE (V)
0
0
100
300
400
500
1000
700
5
10
1156 G07
200
800
900
600
15
20
CGATE = 1000pF
VGS = 5V
VGS = 2V
SUPPLY VOLTAGE (V)
0
0
5
15
20
25
50
35
5
10
1156 G08
10
40
45
30
15
20
CGATE = 1000pF
TIME FOR VGATE < 1V
SUPPLY VOLTAGE (V)
0
0
5
15
20
25
50
35
5
10
1156 G09
10
40
45
30
15
20
CGATE = 1000pF
TIME FOR VGATE < 1V
VSEN = VS – 1V
NO EXTERNAL DELAY
Short Circuit Turn-OFF Delay Time
Turn-OFF Time
Turn-ON Time
ATIO
OPER
The LTC1156 contains four independent power MOSFET
gate drivers and protection circuits (refer to the Block
Diagram for detail). Each section of LTC1156 consists of
the following functional blocks:
TTL and CMOS Compatible Inputs
Each driver input has been designed to accommodate a
wide range of logic families. The input threshold is set at
1.3V with approximately 100mV of hysteresis.


Similar Part No. - LTC1156

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1156 LINER-LTC1156 Datasheet
247Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1156 LINER-LTC1156 Datasheet
214Kb / 8P
   Quad High Side Micropower MOSFET Driver with Internal Charge Pump
LTC1156 LINER-LTC1156_15 Datasheet
214Kb / 8P
   Quad High Side Micropower MOSFET Driver with Internal Charge Pump
More results

Similar Description - LTC1156

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1156 LINER-LTC1156_15 Datasheet
214Kb / 8P
   Quad High Side Micropower MOSFET Driver with Internal Charge Pump
logo
Microchip Technology
MIC5021 MICROCHIP-MIC5021 Datasheet
1Mb / 24P
   High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
09/14/21
logo
Micrel Semiconductor
MIC5019 MICREL-MIC5019 Datasheet
386Kb / 12P
   Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
MIC5019_EB MICREL-MIC5019_EB Datasheet
271Kb / 5P
   Ultra-Small High-Side N-Channel MOSFET Driver with Integrated Charge Pump
logo
SG Micro Corp
SGM3110 SGMICRO-SGM3110 Datasheet
424Kb / 7P
   MicroPower Regulated Charge Pump
logo
Advanced Analog Technol...
AAT3111 AAT-AAT3111 Datasheet
351Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Advanced Analogic Techn...
AAT3110 ANALOGICTECH-AAT3110 Datasheet
510Kb / 18P
   MicroPower??Regulated Charge Pump
logo
Aimtron Technology
AT1310 AIMTRON-AT1310 Datasheet
690Kb / 11P
   MicroPower Charge Pump Converter
logo
Advanced Analogic Techn...
AAT3111 ANALOGICTECH-AAT3111 Datasheet
543Kb / 16P
   MicroPower??Regulated Charge Pump
logo
Linear Technology
LTC3221-5 LINER-LTC3221-5_15 Datasheet
500Kb / 12P
   Micropower, Regulated Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com