Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4764A Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # 1N4764A
Description  1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4764A Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  1N4764A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4764A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4764A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4764A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4764A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1N4764A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1N4764A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CREAT BY ART
Document Number: DS_D1409040
Version: L15
1N4740A - 1M200Z
Taiwan Semiconductor
1
10
100
0
0
1
10
100
1000
PW, PULSE WIDTH (ms)
FIG.11 MAXIMUM SURGE POWER
20% DUTY CYCLE
11V-91V NON-REPETITIVE
10% DUTY CYCLE
5% DUTY CYCLE
0.8V-10V NON-REPETITIVE
RECTANGULAR WAVEFORM
PRIOR TO INITIAL PULSE


Similar Part No. - 1N4764A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
1N4764A YANGJIE-1N4764A Datasheet
188Kb / 3P
   Zener Diodes
logo
Transys Electronics
1N4764A TRSYS-1N4764A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Vishay Siliconix
1N4764A VISHAY-1N4764A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Jinan Gude Electronic D...
1N4764A JGD-1N4764A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
Chongqing Pingwei Enter...
1N4764A CHONGQING-1N4764A Datasheet
60Kb / 3P
   SILICON PLANAR ZENER DIODES
More results

Similar Description - 1N4764A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
2M6.8Z TSC-2M6.8Z_15 Datasheet
214Kb / 6P
   2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
SMA4728A CHENG-YI-SMA4728A Datasheet
352Kb / 3P
   1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com