Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4756A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1N4756A
Description  1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4756A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1N4756A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4756A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4756A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4756A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4756A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1N4756A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1N4756A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CREAT BY ART
IZT
ZZT@IZT
IR
mA
ΩΩ
mA
μAV
mA
1N4740A
9.50
10
10.50
25.0
7
700
0.25
10
7.6
454
1N4741A
10.45
11
11.55
23.0
8
700
0.25
5
8.4
414
1N4742A
11.40
12
12.60
21.0
9
700
0.25
5
9.1
380
1N4743A
12.35
13
13.65
19.0
10
700
0.25
5
9.9
344
1N4744A
14.25
15
15.75
17.0
14
700
0.25
5
11.4
304
1N4745A
15.20
16
16.80
15.5
16
700
0.25
5
12.2
285
1N4746A
17.10
18
18.90
14.0
20
750
0.25
5
13.7
250
1N4747A
19.00
20
21.00
12.5
22
750
0.25
5
15.2
225
1N4748A
20.90
22
23.10
11.5
23
750
0.25
5
16.7
205
1N4749A
22.80
24
25.20
10.5
25
750
0.25
5
18.2
190
1N4750A
25.65
27
28.35
9.5
35
750
0.25
5
20.6
170
1N4751A
28.50
30
31.50
8.5
40
1000
0.25
5
22.8
150
1N4752A
31.35
33
34.65
7.5
45
1000
0.25
5
25.1
135
1N4753A
34.20
36
37.80
7.0
50
1000
0.25
5
27.4
125
1N4754A
37.05
39
40.95
6.5
60
1000
0.25
5
29.7
115
1N4755A
40.85
43
45.15
6.0
70
1500
0.25
5
32.7
110
1N4756A
44.65
47
49.35
5.5
80
1500
0.25
5
35.8
95
1N4757A
48.45
51
53.55
5.0
95
1500
0.25
5
38.8
90
1N4758A
53.20
56
58.80
4.5
110
2000
0.25
5
42.6
80
1N4759A
58.90
62
65.10
4.0
125
2000
0.25
5
47.1
70
1N4760A
64.60
68
71.40
3.7
150
2000
0.25
5
51.7
65
1N4761A
71.25
75
78.75
3.3
175
2000
0.25
5
56.0
60
1N4762A
77.90
82
86.10
3.0
200
3000
0.25
5
62.2
55
1N4763A
86.45
91
95.55
2.8
250
3000
0.25
5
69.2
50
1N4764A
95.00
100
105.00
2.5
350
3000
0.25
5
76.0
45
1M110Z
104.50
110
115.50
2.3
450
4000
0.25
5
83.6
-
1M120Z
114.00
120
126.00
2.0
550
4500
0.25
5
91.2
-
1M130Z
123.50
130
136.50
1.9
700
5000
0.25
5
98.8
-
1M150Z
142.50
150
157.50
1.7
1000
6000
0.25
5
114.0
-
1M160Z
152.00
160
168.00
1.6
1100
6500
0.25
5
121.6
-
1M180Z
171.00
180
189.00
1.4
1200
7000
0.25
5
136.8
-
1M200Z
190.00
200
210.00
1.2
1500
8000
0.25
5
152.0
-
Notes:
1. Tolerance and Type Number Designation. The type numbers losted have a standard tolerance on the nominal zener voltage of ±5%
2. Specials Available Include:
A. Nominal zener voltages between the voltages shown and tighter voltage tolerances
B. Matched sets
3. Zener Voltage (Vz) Measurement. Guarantees the zener voltage when messured at 90 seconds while maintaining the lead
temperature(TL) at 30°C±1°C, from the diode body
4. Zener Impedance (Zz) Derivation. The zener impedance is derives from the 60 cycle AC voltage, which results when an accurrent
having and rms value equal to 10% of the DC zener current (IZT or IZK) is superimposed on IZT or IZK.
5. Surge Current (IR) Non-Repetitive. The rating listd in the electrical chatacteristics table is maximum peak, non-repetitive, reverse
surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT per
JEDEC registration; however, actual device capability is as described in Figure 11.
Document Number: DS_D1409040
Version: L15
Min.
ZZK@IZK
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Device
(Note 1)
Zener Voltage
Vz@IzT
V
1N4740A - 1M200Z
Taiwan Semiconductor
Zener Impedance
Nom.
(Note 2)
(Note 3)
Test
Current
Leakage Current
IR@VR
Max.
Surge current
Max.


Similar Part No. - 1N4756A

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1N4756A SEMTECH_ELEC-1N4756A Datasheet
302Kb / 4P
   SILICON PLANAR POWER ZENER DIODES
logo
Vishay Siliconix
1N4756A VISHAY-1N4756A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
logo
Fairchild Semiconductor
1N4756A FAIRCHILD-1N4756A Datasheet
667Kb / 5P
   Zener Diodes
logo
Vishay Siliconix
1N4756A VISHAY-1N4756A Datasheet
77Kb / 4P
   Zener Diodes
Rev. 2.2, 08-Dec-11
logo
Fairchild Semiconductor
1N4756A FAIRCHILD-1N4756A Datasheet
56Kb / 5P
   COLOR BAND DENOTES CATHODE
More results

Similar Description - 1N4756A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
2M6.8Z TSC-2M6.8Z_15 Datasheet
214Kb / 6P
   2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
SMA4728A CHENG-YI-SMA4728A Datasheet
352Kb / 3P
   1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Pan Jit International I...
2EZ11 PANJIT-2EZ11_04 Datasheet
305Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5913B PANJIT-1N5913B Datasheet
457Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB2EZ6.8 PANJIT-1SMB2EZ6.8_09 Datasheet
356Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8_09 Datasheet
347Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1N5334B PANJIT-1N5334B Datasheet
453Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
1SMB2EZ6.8 TAYCHIPST-1SMB2EZ6.8 Datasheet
12Mb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
logo
Pan Jit International I...
3EZ6.8 PANJIT-3EZ6.8 Datasheet
693Kb / 4P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
1SMB3EZ47-AU PANJIT-1SMB3EZ47-AU Datasheet
319Kb / 6P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com