Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4753G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 1N4753G
Description  1W DO-41 Zener Volatge Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4753G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1N4753G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4753G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4753G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4753G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1N4753G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Zener voltage range 3.3 to 56Volts
- DO-41 package (JEDEC)
- Through-hole device type mounting
- Hermetically sealed glass
- Compression bonded construction
- Solder hot dip tin(Sn) lead finish
- ROHS complaint
- Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, method 208 guaranteed
- Polarity: Color band denotes cathode
- Weight: 0.270~0.290 grams
- Marking code: 1N47XXG for ± 5% Vz
SYMBOL
UNIT
PD
W
Rjl
oC/W
Rja
oC/W
TOPR
oC
TSTG
oC
Note: These ratings are limiting values above which the serviceability of the diode may be impaired
Document Number: DS_S1406003
Taiwan Semiconductor
VALUE
1N4728G ~ 1N4758G
Small Signal Product
1W DO-41 Zener Volatge Regulators
- All external surfaces are corrosion resistant and
terminals are readily solderable
- High temperature soldering guaranteed: ' 260
oC/10 s
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
FEATURES
Power Dissipation
1
DO-41
MECHANICAL DATA
Version: E14
Thermal Resistance Junction to Lead
- 65 to + 200
Thermal Resistance Junction to Ambient
OperatingTemperature Range
Storage Temperature Range
53.5
100
- 65 to + 200
Cathode
Anode


Similar Part No. - 1N4753G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
1N4753G EIC-1N4753G Datasheet
34Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
1N4753G TSC-1N4753G Datasheet
157Kb / 2P
   1W DO-41 Zener Voltage Regulators
More results

Similar Description - 1N4753G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4728G TSC-1N4728G Datasheet
157Kb / 2P
   1W DO-41 Zener Voltage Regulators
logo
Rectron Semiconductor
1N4728A RECTRON-1N4728A Datasheet
19Kb / 2P
   1W 5% DO-41 ZENER DIODE
logo
Leshan Radio Company
1N4733AM LRC-1N4733AM Datasheet
599Kb / 7P
   1W DO-41 Zener voltage regulator diodes
logo
America Semiconductor, ...
1N4728A AMERICASEMI-1N4728A Datasheet
1Mb / 6P
   1 Watt DO-41 Zener Voltage Regulators
logo
ON Semiconductor
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
3EZ6.2D5 ONSEMI-3EZ6.2D5 Datasheet
90Kb / 5P
   3 Watt DO-41 Surmetic??30 Zener Voltage Regulators
August, 2007 - Rev. 0
1N59XXBRNG ONSEMI-1N59XXBRNG Datasheet
194Kb / 8P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
December, 2019 ??Rev. 1
MZP4729A ONSEMI-MZP4729A Datasheet
57Kb / 8P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
February, 2002 ??Rev. 2
1N5929BRNG ONSEMI-1N5929BRNG Datasheet
117Kb / 7P
   3 W DO-41 Surmetic 30 Zener Voltage Regulators
January, 2012 ??Rev. 0
logo
Tak Cheong Electronics ...
TCBZX85C3V3 TAK_CHEONG-TCBZX85C3V3_11 Datasheet
168Kb / 4P
   1.3 Watt DO-41 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com