Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS0029 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RS0029
Description  CENTERTAP SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RS0029 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RS0029_15 Datasheet HTML 1Page - Solid States Devices, Inc RS0029_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0029D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
1N6660
__ __
└ Screening
2/
__
TX
TXV
S
= Not Screened
= TX Level
= TXV Level
= S Level
└ Configuration __ = Common Cathode
R = Common Anode
D = Doubler
DR = Doubler Reverse
1N6660
40 AMP, 45 VOLTS
CENTERTAP
SCHOTTKY RECTIFIER
FEATURES:
• Low Forward Voltage Drop
• Low Reverse Leakage Current
• Guard Ring for Over-voltage Protection
• Isolated Hermetically Sealed Power Package
• Ceramic Seals Available
• Custom Lead Forming Available
• Eutectic Die Attach
• 175°C Operating Temperature
• Common Anode and Doubler Versions
Available
• TX, TXV, or Space Level Screening Available
• Compatible with MIL-PRF-19500/608
MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse
Voltage
and DC Blocking Voltage
1N6660
VRRM
VRWM
VR
45
Volts
Average Rectified Output Current 4/ 5/
(Resistive Load, 60Hz, Sine Wave, TA=25
°C)
IO
40
Amps
Peak Surge Current 4/ 5/
(8.3 ms Pulse, Half Sine Wave Superimposed on Io,
Allow Junction to Reach Equilibrium Between Pulses,
TA=25
°C)
IFSM
600
Amps
Peak Reverse Energy
(per #4.3.3 of MIL-PRF-19500/608)
Er
0.5
mJ
Operating and Storage Temperature
TOP & TSTG
-65 to +175
°C
Maximum Thermal Resistance
Junction to Case 3/
RθJC
1.8
°C/W
NOTES:
1/ For ordering Information, Price, and Availability, Contact Factory.
2/ Screening per MIL-PRF-19500
3/ Per Leg
4/ Per Leg Both Legs Tied Together
5/ Doublers (per leg):
IO = 20 A, IFSM = 300 A
TO-254


Similar Part No. - RS0029_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RS0029 SSDI-RS0029 Datasheet
179Kb / 2P
   CENTERTAP SCHOTTKY RECTIFIER
More results

Similar Description - RS0029_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0072A SSDI-SH0072A Datasheet
107Kb / 2P
   CENTERTAP SCHOTTKY RECTIFIER
SH0076A SSDI-SH0076A Datasheet
111Kb / 2P
   CENTERTAP SCHOTTKY RECTIFIER
SSR1505CTM SSDI-SSR1505CTM Datasheet
101Kb / 2P
   CENTERTAP SCHOTTKY RECTIFIER
RS0065 SSDI-RS0065 Datasheet
105Kb / 2P
   SCHOTTKY CENTERTAP RECTIFIER
SH0066B SSDI-SH0066B_15 Datasheet
149Kb / 2P
   SCHOTTKY CENTERTAP RECTIFIER
SH0055A SSDI-SH0055A_15 Datasheet
101Kb / 2P
   CENTERTAP SCHOTTKY RECTIFIER
SH0066B SSDI-SH0066B Datasheet
149Kb / 2P
   SCHOTTKY CENTERTAP RECTIFIER
SSR1505CTG SSDI-SSR1505CTG Datasheet
93Kb / 2P
   CENTERTAP SCHOTTKY RECTIFIER
RS0027D SSDI-RS0027D Datasheet
128Kb / 2P
   SCHOTTKY CENTERTAP RECTIFIER
RS0029 SSDI-RS0029 Datasheet
179Kb / 2P
   CENTERTAP SCHOTTKY RECTIFIER
SH0052B SSDI-SH0052B_15 Datasheet
130Kb / 2P
   SCHOTTKY CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com