Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1491A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1491A
Description  SAW Filter 1925MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1491A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1491A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1491A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1491A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1491A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1491A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1491A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1491A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
F. Frequency Characteristics :
(1) Wideband response:
(2) Narrowband response:


Similar Part No. - TA1491A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1490A TAI-SAW-TA1490A Datasheet
218Kb / 7P
   SAW Filter 2115MHz
logo
Golledge Electronics Lt...
TA1490A GOLLEDGE-TA1490A Datasheet
160Kb / 6P
   SAW Filter 2115.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1492A TAI-SAW-TA1492A Datasheet
142Kb / 7P
   SAW Filter 2332.5MHz
TA1494A TAI-SAW-TA1494A Datasheet
342Kb / 7P
   SAW Filter 831.5 MHz
logo
Golledge Electronics Lt...
TA1494A GOLLEDGE-TA1494A Datasheet
282Kb / 6P
   SAW Filter 831.50MHz
More results

Similar Description - TA1491A

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com