Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1090 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1090
Description  Single Chip 10-Bit Data Acquisition System
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1090 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1090 Datasheet HTML 3Page - Linear Technology LTC1090 Datasheet HTML 4Page - Linear Technology LTC1090 Datasheet HTML 5Page - Linear Technology LTC1090 Datasheet HTML 6Page - Linear Technology LTC1090 Datasheet HTML 7Page - Linear Technology LTC1090 Datasheet HTML 8Page - Linear Technology LTC1090 Datasheet HTML 9Page - Linear Technology LTC1090 Datasheet HTML 10Page - Linear Technology LTC1090 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
LTC1090
1090fc
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
Supply Current vs Temperature
Reference Current vs Temperature
Unadjusted Offset Error vs
Reference Voltage
Linearity Error vs Reference
Voltage
Change in Gain Error vs
Reference Voltage
Offset Error vs Supply Voltage
Linearity Error vs Supply Voltage
Change in Gain Error vs Supply
Voltage
SUPPLY VOLTAGE, VCC (V)
4
0
0.25
0.5
0.75
1.0
1.25
5
67
8
LTC1090 • TPC07
910
VREF = 4V
ACLK = 2MHz
VOS = 1.25mV AT VCC = 5V
SUPPLY VOLTAGE, VCC (V)
4
0
0.25
0.5
0.75
1.0
1.25
5
67
8
LTC1090 • TPC08
910
VREF = 4V
ACLK = 2MHz
SUPPLY VOLTAGE, VCC (V)
4
– 0.5
– 0.25
0
0.25
0.5
5
67
8
LTC1090 • TPC09
910
VREF = 4V
ACLK = 2MHz
SUPPLY VOLTAGE, VCC (V)
4
0
1
2
3
4
6
5
67
8
LTC1090 • TPC01
910
5
REF +OPEN
ACLK = 2MHz
CS = VCC
TA = 25°C
AMBIENT TEMPERATURE, TA (°C)
–50
1.0
1.2
1.4
25
75
LTC1090 • TPC02
0.8
0.6
–25
0
50
100
125
0.4
0.2
REF +OPEN
ACLK = 2MHz
CS = 5V
VCC = 5V
AMBIENT TEMPERATURE, TA (°C)
–50
0.4
0.5
0.6
25
75
LTC1090 • TPC03
0.3
0.2
–25
0
50
100
125
0.1
0
VREF = 5V
REFERENCE VOLTAGE, VREF (V)
0.2
0
2
4
6
8
1.0
5.0
LTC1090 • TPC04
10
1
3
5
7
9
VOS = 0.5mV
VOS = 1mV
VCC = 5V
REFERENCE VOLTAGE, VREF (V)
0
0.75
1.0
1.25
4
LTC1090 • TPC05
0.5
0.25
0
1
2
3
5
VCC = 5V
REFERENCE VOLTAGE, VREF (V)
0
0.75
1.0
1.25
4
LTC1090 • TPC06
0.5
0.25
0
1
2
3
5
VCC = 5V


Similar Part No. - LTC1090

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1090 LINER-LTC1090 Datasheet
1Mb / 26P
   Single Chip 10-Bit Data Acquisition System?
LTC1090AC LINER-LTC1090AC Datasheet
1Mb / 26P
   Single Chip 10-Bit Data Acquisition System?
LTC1090ACJ LINER-LTC1090ACJ Datasheet
1Mb / 26P
   Single Chip 10-Bit Data Acquisition System?
LTC1090ACN LINER-LTC1090ACN Datasheet
1Mb / 26P
   Single Chip 10-Bit Data Acquisition System?
LTC1090AM LINER-LTC1090AM Datasheet
1Mb / 26P
   Single Chip 10-Bit Data Acquisition System?
More results

Similar Description - LTC1090

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1090CS LINER-LTC1090CS Datasheet
1Mb / 26P
   Single Chip 10-Bit Data Acquisition System?
LTC1090 LINER-LTC1090_15 Datasheet
353Kb / 28P
   Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283 Datasheet
452Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283_15 Datasheet
348Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283_1 Datasheet
343Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com