Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSSE3H45 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSSE3H45
Description  3A, 45V - 60V Trench Schottky Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSSE3H45 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSSE3H45 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSSE3H45 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSSE3H45 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSSE3H45 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSSE3H45 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Patented Trench Schottky technology
- Excellent high temperature stability
- Low forward voltage
- Lower power loss/ high efficiency
- High forward surge capability
- Halogen-free according to IEC 61249-2-21 definition
- Moisture sensitivity level: level 1, per J-STD-020
Case:
SOD123HE
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
VRRM
V
VRMS
V
IF(AV)
A
Typ.
Max.
Typ.
Max.
IF = 3A
TJ = 25°C
0.47
0.57
0.50
0.60
IF = 3A
TJ = 125°C
0.40
0.50
0.43
0.53
TJ = 25°C
μA
TJ = 125°C
mA
RθJL
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D0000009
Version: A15
TSSE3H45 - TSSE3H60
3A, 45V - 60V Trench Schottky Rectifiers
TSSE3H45
TSSE3H60
VF
Taiwan Semiconductor
SYMBOL
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
PARAMETER
E3H45
Operating junction temperature range
Maximum repetitive peak reverse voltage
3
IFSM
E3H60
UNIT
Marking code
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
20
SOD123HE
Note 1: Pulse test with pulse width = 300μs, 1% duty cycle
- 55 to +150
A
45
60
60
Maximum Instantaneous reverse current at rated
reverse voltage
Instantaneous forward voltage
(Note 1)
IR
Storage temperature range
- 55 to +150
Maximum average forward rectified current
Polarity:
Indicated by cathode band
Weight:
0.022 g (approximately)
Maximum RMS voltage
32
42
V
25
Typical thermal resistance
100
FEATURES
- Compliant to RoHS directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
Trench Schottky barrier rectifiers are designed for high
frequency miniature switched mode power supplies such as
adapters, lighting and on-board DC/DC converters, USB power
delivery.
MECHANICAL DATA


Similar Part No. - TSSE3H45

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSSE3H45H TSC-TSSE3H45H Datasheet
445Kb / 5P
   3A, 45V - 60V Trench Schottky Surface Mount Rectifier
More results

Similar Description - TSSE3H45

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSSE3U45 TSC-TSSE3U45 Datasheet
208Kb / 5P
   3A, 45V - 60V Trench Schottky Rectifiers
TSSW3U45 TSC-TSSW3U45 Datasheet
295Kb / 4P
   3A, 45V - 60V Trench Schottky Rectifiers
TSS83L45 TSC-TSS83L45 Datasheet
314Kb / 5P
   3A, 45V Trench Schottky Rectifiers
TST40L45CW TSC-TST40L45CW Datasheet
205Kb / 5P
   40A, 45V - 60V Trench Schottky Rectifiers
TST30L45CW TSC-TST30L45CW Datasheet
225Kb / 5P
   30A, 45V - 60V Trench Schottky Rectifiers
TST30U45C TSC-TST30U45C Datasheet
225Kb / 5P
   30A, 45V - 60V Trench Schottky Rectifiers
TST30U45CW TSC-TST30U45CW Datasheet
205Kb / 5P
   30A, 45V - 60V Trench Schottky Rectifiers
TST20U45CW TSC-TST20U45CW Datasheet
214Kb / 5P
   20A, 45V - 60V Trench Schottky Rectifiers
TSSE3H45H TSC-TSSE3H45H Datasheet
445Kb / 5P
   3A, 45V - 60V Trench Schottky Surface Mount Rectifier
TSSA3U45 TSC-TSSA3U45_15 Datasheet
190Kb / 4P
   3A, 45V Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com