Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1064-7MJ Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1064-7MJ
Description  Linear Phase, 8th Order Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064-7MJ Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1064-7MJ Datasheet HTML 3Page - Linear Technology LTC1064-7MJ Datasheet HTML 4Page - Linear Technology LTC1064-7MJ Datasheet HTML 5Page - Linear Technology LTC1064-7MJ Datasheet HTML 6Page - Linear Technology LTC1064-7MJ Datasheet HTML 7Page - Linear Technology LTC1064-7MJ Datasheet HTML 8Page - Linear Technology LTC1064-7MJ Datasheet HTML 9Page - Linear Technology LTC1064-7MJ Datasheet HTML 10Page - Linear Technology LTC1064-7MJ Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1064-7
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Table 2. Passband Gain and Phase
VS = ±7.5V, (fCLK/fC) = 100:1, TA = 25°C
FREQUENCY (kHz)
GAIN (dB)
PHASE (DEG)
fCLK = 1MHz (Typical Unit)
0.000
– 0.203
180.00
2.500
– 0.203
74.07
5.000
– 0.741
– 31.71
7.500
– 1.831
– 136.47
10.000
– 4.451
– 240.17
fCLK = 2MHz (Typical Unit)
0.000
– 0.152
180.00
5.000
– 0.152
73.79
10.000
– 0.575
– 32.47
15.000
– 1.501
– 138.11
20.000
– 3.973
– 243.84
fCLK = 3MHz (Typical Unit)
0.000
– 0.123
180.00
7.500
– 0.123
73.32
15.000
– 0.481
– 33.64
22.500
– 1.312
– 140.14
30.000
– 3.654
– 247.11
Table 1. Passband Gain and Phase
VS = ±7.5V, (fCLK/fC) = 50:1, TA = 25°C
FREQUENCY (kHz)
GAIN (dB)
PHASE (DEG)
fCLK = 1MHz (Typical Unit)
0.000
– 0.086
180.00
5.000
– 0.086
73.54
10.000
– 0.334
–33.60
15.000
– 1.051
–140.81
20.000
– 3.316
– 249.30
fCLK = 2MHz (Typical Unit)
0.000
– 0.131
180.00
10.000
– 0.131
72.88
20.000
– 0.442
– 34.71
30.000
– 1.108
–141.99
40.000
– 3.115
– 250.45
fCLK = 3MHz (Typical Unit)
0.000
– 0.156
180.00
15.000
– 0.156
72.54
30.000
– 0.459
– 35.01
45.000
– 0.941
– 141.95
60.000
– 2.508
– 250.53
fCLK = 4MHz (Typical Unit)
0.000
– 0.121
180.00
20.000
– 0.121
72.12
40.000
– 0.292
– 35.75
60.000
– 0.476
– 142.92
80.000
– 1.539
– 252.63
fCLK = 5MHz (Typical Unit)
0.000
– 0.045
180.00
25.000
– 0.045
70.85
50.000
– 0.006
– 38.25
75.000
0.185
– 146.77
100.000
– 0.356
– 259.27
FREQUENCY (kHz)
GAIN (dB)
PHASE (DEG)
fCLK = 4MHz (Typical Unit)
0.000
– 0.116
180.00
10.000
– 0.116
72.49
20.000
– 0.436
– 35.21
30.000
– 1.171
– 142.33
40.000
– 3.353
– 250.12
fCLK = 5MHz (Typical Unit)
0.000
– 0.097
180.00
12.500
– 0.097
71.00
25.000
– 0.351
– 38.08
37.500
– 0.951
– 146.51
50.000
– 2.999
– 256.13
Table 3. Passband Gain and Phase
VS = ±5V, (fCLK/fC) = 50:1, TA = 25°C
FREQUENCY (kHz)
GAIN (dB)
PHASE (DEG)
fCLK = 0.5MHz (Typical Unit)
0.000
– 0.081
180.00
2.500
– 0.081
73.71
5.000
– 0.345
– 33.31
7.500
– 1.063
– 140.36
10.000
– 3.283
– 248.52
fCLK = 1MHz (Typical Unit)
0.000
– 0.071
180.00
5.000
– 0.071
73.44
10.000
– 0.322
– 33.83
15.000
– 1.036
– 141.13
20.000
– 3.284
– 249.68
fCLK = 1.5MHz (Typical Unit)
0.000
– 0.095
180.00
7.500
– 0.095
73.03
15.000
– 0.392
– 34.53
22.500
– 1.075
– 141.89
30.000
– 3.155
– 250.45
fCLK = 2MHz (Typical Unit)
0.000
– 0.127
180.00
10.000
– 0.127
72.81
20.000
– 0.447
– 34.70
30.000
– 1.041
– 141.77
40.000
– 2.856
– 250.24
fCLK = 2.5MHz (Typical Unit)
0.000
– 0.126
180.00
12.500
– 0.126
72.61
25.000
– 0.411
– 34.91
37.500
– 0.864
– 141.88
50.000
– 2.397
– 250.62
fCLK = 3MHz (Typical Unit)
0.000
– 0.102
180.00
15.000
– 0.102
72.23
30.000
– 0.292
– 35.64
45.000
– 0.546
– 142.96
60.000
– 1.769
– 252.73


Similar Part No. - LTC1064-7MJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064-7MJ LINER-LTC1064-7MJ Datasheet
217Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
More results

Similar Description - LTC1064-7MJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LT10647FB LINER-LT10647FB_15 Datasheet
223Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7_15 Datasheet
169Kb / 10P
   Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7_09 Datasheet
217Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7 Datasheet
301Kb / 12P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7_15 Datasheet
309Kb / 16P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
LTC1264-7 LINER-LTC1264-7_1 Datasheet
303Kb / 16P
   Linear Phase, Group Delay Equalized, 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com