Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS07D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RS07D
Description  Fast Rectifier Surface Mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RS07D Datasheet(HTML) 1 Page - Vishay Siliconix

  RS07D Datasheet HTML 1Page - Vishay Siliconix RS07D Datasheet HTML 2Page - Vishay Siliconix RS07D Datasheet HTML 3Page - Vishay Siliconix RS07D Datasheet HTML 4Page - Vishay Siliconix RS07D Datasheet HTML 5Page - Vishay Siliconix RS07D Datasheet HTML 6Page - Vishay Siliconix RS07D Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
RS07B, RS07D, RS07G, RS07J, RS07K
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 05-Sep-14
1
Document Number: 85742
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fast Rectifier Surface Mount
MECHANICAL DATA
Case: DO-219AB (SMF)
Polarity: band denotes cathode end
Weight: approx. 15 mg
Packaging codes / options:
GS18/10K per 13" reel (8 mm tape)
GS08/3K per 7" reel (8 mm tape)
Int. construction: single
FEATURES
• For surface mounted applications
• Low profile package
• Ideal for automated placement
• Glass passivated
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Meets JESD 201 class 2 whisker test
• Wave and reflow solderable
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
17249
PARTS TABLE
PART
ORDERING CODE
MARKING
REMARKS
RS07B
RS07B-GS18 or RS07B-GS08
RB
Tape and reel
RS07D
RS07D-GS18 or RS07D-GS08
RD
Tape and reel
RS07G
RS07G-GS18 or RS07G-GS08
RG
Tape and reel
RS07J
RS07J-GS18 or RS07J-GS08
RJ
Tape and reel
RS07K
RS07K-GS18 or RS07K-GS08
RK
Tape and reel
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Maximum repetitive peak reverse voltage
RS07B
VRRM
100
V
RS07D
VRRM
200
V
RS07G
VRRM
400
V
RS07J
VRRM
600
V
RS07K
VRRM
800
V
Maximum RMS voltage
RS07B
VRMS
70
V
RS07D
VRMS
140
V
RS07G
VRMS
280
V
RS07J
VRMS
420
V
RS07K
VRMS
560
V
Maximum DC blocking voltage
RS07B
VDC
100
V
RS07D
VDC
200
V
RS07G
VDC
400
V
RS07J
VDC
600
V
RS07K
VDC
800
V
Maximum average forward rectified current
Ttp = 65 °C
IF(AV)
1.4
A
TA = 45 °C
IF(AV)
0.5
A
Peak forward surge current 8.3 ms half
sine-wave
TL = 25 °C
IFSM
30
A


Similar Part No. - RS07D

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
RS07D BILIN-RS07D Datasheet
110Kb / 3P
   SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
RS07D VISHAY-RS07D Datasheet
156Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
RS07D VISHAY-RS07D Datasheet
90Kb / 6P
   Small Signal Fast Switching Diode, High Voltage
Rev. 2.0, 30-Aug-10
logo
Shenzhen Luguang Electr...
RS07D LUGUANG-RS07D Datasheet
289Kb / 3P
   Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
RS07D TAYCHIPST-RS07D Datasheet
2Mb / 2P
   SURFACE MOUNT RECTIFIER
More results

Similar Description - RS07D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS07B-M VISHAY-RS07B-M_V01 Datasheet
121Kb / 7P
   Fast Rectifier Surface-Mount
01-Jan-2022
RS07B VISHAY-RS07B_V01 Datasheet
114Kb / 6P
   Fast Rectifier Surface-Mount
01-Jan-2022
logo
Shanghai Sunrise Electr...
RS1A SSE-RS1A Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
General Semiconductor
RS3A GE-RS3A Datasheet
75Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
GOOD-ARK Electronics
SR36 GOOD-ARK-SR36 Datasheet
171Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
SRN3 GOOD-ARK-SRN3 Datasheet
154Kb / 2P
   SURFACE MOUNT FAST SWITCHNG RECTIFIER
logo
Transys Electronics
FR1A TRSYS-FR1A Datasheet
183Kb / 3P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diotech Company.
ES2BA DIOTECH-ES2BA Datasheet
729Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Vishay Siliconix
RS1A VISHAY-RS1A Datasheet
80Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 19-Apr-11
logo
Shanghai Shunye Electro...
ES2A SY-ES2A Datasheet
234Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com