Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2607 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2607
Description  16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2607 Datasheet(HTML) 4 Page - Linear Technology

  LTC2607_15 Datasheet HTML 1Page - Linear Technology LTC2607_15 Datasheet HTML 2Page - Linear Technology LTC2607_15 Datasheet HTML 3Page - Linear Technology LTC2607_15 Datasheet HTML 4Page - Linear Technology LTC2607_15 Datasheet HTML 5Page - Linear Technology LTC2607_15 Datasheet HTML 6Page - Linear Technology LTC2607_15 Datasheet HTML 7Page - Linear Technology LTC2607_15 Datasheet HTML 8Page - Linear Technology LTC2607_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2607/LTC2617/LTC2627

26071727fa
electrical characteristics
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
l
2.7
5.5
V
ICC
Supply Current
VCC = 5V (Note 3)
VCC = 3V (Note 3)
DAC Powered Down (Note 3) VCC = 5V
DAC Powered Down (Note 3) VCC = 3V
l
l
l
l
0.66
0.52
0.4
0.10
1.3
1
1
1
mA
mA
µA
µA
Digital I/O (Note 11)
VIL
Low Level Input Voltage (SDA and SCL)
l
0.3VCC
V
VIH
High Level Input Voltage (SDA and SCL)
l
0.7VCC
V
VIL(LDAC) Low Level Input Voltage (LDAC)
VCC = 4.5V to 5.5V
VCC = 2.7V to 5.5V
l
l
0.8
0.6
V
V
VIH(LDAC) High Level Input Voltage (LDAC)
VCC = 2.7V to 5.5V
VCC = 2.7V to 3.6V
l
l
2.4
2.0
V
V
VIL(CAn) Low Level Input Voltage on CAn
(n = 0, 1, 2)
See Test Circuit 1
l
0.15VCC
V
VIH(CAn) High Level Input Voltage on CAn (n = 0, 1, 2)
See Test Circuit 1
l
0.85VCC
V
RINH
Resistance from CAn (n = 0, 1, 2)
to VCC to Set CAn = VCC
See Test Circuit 2
l
10
RINL
Resistance from CAn (n = 0, 1, 2)
to GND to Set CAn = GND
See Test Circuit 2
l
10
RINF
Resistance from CAn (n = 0, 1, 2)
to VCC or GND to Set CAn = Float
See Test Circuit 2
l
2
VOL
Low Level Output Voltage
Sink Current = 3mA
l
0
0.4
V
tOF
Output Fall Time
VO = VIH(MIN) to VO = VIL(MAX),
CB = 10pF to 400pF (Note 9)
l
20 + 0.1CB
250
ns
tSP
Pulse Width of Spikes Suppressed by Input Filter
l
0
50
ns
IIN
Input Leakage
0.1VCC ≤ VIN ≤ 0.9VCC
l
1
µA
CIN
I/O Pin Capacitance
Note 12
l
10
pF
CB
Capacitive Load for Each Bus Line
l
400
pF
CCAX
External Capacitive Load on Address
Pins CAn (n = 0, 1, 2)
l
10
pF
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. REF = 4.096V (VCC = 5V), REF = 2.048V (VCC = 2.7V), REFLO = 0V,
VOUT unloaded, unless otherwise noted.


Similar Part No. - LTC2607_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2607CDE LINER-LTC2607CDE Datasheet
331Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2607CDE-1 LINER-LTC2607CDE-1 Datasheet
331Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2607IDE LINER-LTC2607IDE Datasheet
331Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2607IDE-1 LINER-LTC2607IDE-1 Datasheet
331Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
More results

Similar Description - LTC2607_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2627 LINER-LTC2627_15 Datasheet
295Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2607 LINER-LTC2607 Datasheet
331Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2617 LINER-LTC2617_15 Datasheet
295Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2606 LINER-LTC2606 Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2626 LINER-LTC2626_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2616 LINER-LTC2616_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2606 LINER-LTC2606_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
logo
Analog Devices
LTC2606 AD-LTC2606 Datasheet
651Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs I2C Interface
logo
Linear Technology
LTC2609 LINER-LTC2609 Datasheet
318Kb / 20P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2609 LINER-LTC2609_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com