Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSPB5H150S Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TSPB5H150S
Description  5A, 100V - 150V Trench Schottky Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSPB5H150S Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSPB5H150S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSPB5H150S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSPB5H150S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSPB5H150S Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSPB5H150S Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIM.
Min
Max
Min
Max
A
5.55
5.65
0.219
0.222
B
6.35
6.65
0.250
0.262
C
3.95
4.05
0.156
0.159
D
3.40
3.70
0.134
0.146
E
4.25
4.55
0.167
0.179
F
1.69
1.99
0.067
0.078
G
2.95
3.25
0.116
0.128
H
0.70
1.00
0.028
0.039
I
0.75
1.05
0.030
0.041
J
1.69
1.99
0.067
0.078
K
1.00
1.20
0.039
0.047
L
0.20
0.40
0.008
0.016
Symbol
A
B
C
D
E
F
P/N
= Marking Code
YW
= Date Code
F
= Factory Code
Document Number: DS_D1412020
Version: A15
0.92
0.036
MARKING DIAGRAM
1.40
0.055
1.27
0.050
6.80
0.268
SUGGESTED PAD LAYOUT
Unit (mm)
Unit (inch)
4.80
0.189
4.72
0.186
TSPB5H100S - TSPB5H150S
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
SMPC4.0
Unit (mm)
Unit (inch)


Similar Part No. - TSPB5H150S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
   Trench Schottky Rectifier
TSPB15U45S TSC-TSPB15U45S Datasheet
218Kb / 4P
   15A, 45V Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB20U80S TSC-TSPB20U80S Datasheet
206Kb / 5P
   20A, 80V Trench Schottky Rectifier
More results

Similar Description - TSPB5H150S

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SR5L15 PACELEADER-SR5L15 Datasheet
663Kb / 3P
   5A LOW VF TRENCH MOS SCHOTTKY RECTIFIERS 150V
SR5U15 PACELEADER-SR5U15 Datasheet
719Kb / 3P
   5A ULTRA LOW VF TRENCH MOS SCHOTTKY RECTIFIERS 150V
SR5L10 PACELEADER-SR5L10 Datasheet
718Kb / 3P
   5A LOW VF TRENCH MOS SCHOTTKY RECTIFIERS 100V
SR5U10 PACELEADER-SR5U10 Datasheet
659Kb / 3P
   5A ULTRA LOW VF TRENCH MOS SCHOTTKY RECTIFIERS 100V
logo
Taiwan Semiconductor Co...
TSP3H150S TSC-TSP3H150S Datasheet
289Kb / 5P
   3A, 150V Trench Schottky Rectifiers
logo
Mospec Semiconductor
S05A70 MOSPEC-S05A70 Datasheet
232Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(5A,70-100V)
logo
SeCoS Halbleitertechnol...
SRL5150 SECOS-SRL5150 Datasheet
196Kb / 2P
   5A, 150V Low VF Trench MOS Barrier Schottky Rectifier
SMPD5100 SECOS-SMPD5100 Datasheet
263Kb / 2P
   100V, 5A Surface Mount Schottky Barrier Rectifiers
SMPD5100L SECOS-SMPD5100L Datasheet
294Kb / 2P
   100V, 5A Low VF Schottky Barrier Rectifiers
SK5100BM SECOS-SK5100BM Datasheet
186Kb / 2P
   100V, 5A Low VF Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com