Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2376-16 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2376-16
Description  16-Bit, 250ksps, Low Power SAR ADC with 97dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2376-16 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2376-16_15 Datasheet HTML 11Page - Linear Technology LTC2376-16_15 Datasheet HTML 12Page - Linear Technology LTC2376-16_15 Datasheet HTML 13Page - Linear Technology LTC2376-16_15 Datasheet HTML 14Page - Linear Technology LTC2376-16_15 Datasheet HTML 15Page - Linear Technology LTC2376-16_15 Datasheet HTML 16Page - Linear Technology LTC2376-16_15 Datasheet HTML 17Page - Linear Technology LTC2376-16_15 Datasheet HTML 18Page - Linear Technology LTC2376-16_15 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC2376-16
15
237616f
TIMING AND CONTROL
CNV Timing
The LTC2376-16 conversion is controlled by CNV. A ris-
ing edge on CNV will start a conversion and power up the
LTC2376-16.Onceaconversionhasbeeninitiated,itcannot
berestarteduntiltheconversioniscomplete.Foroptimum
performance, CNV should be driven by a clean low jitter
signal. Converter status is indicated by the BUSY output
which remains high while the conversion is in progress.
To ensure that no errors occur in the digitized results, any
additional transitions on CNV should occur within 40ns
from the start of the conversion or after the conversion
has been completed. Once the conversion has completed,
the LTC2376-16 powers down and begins acquiring the
input signal.
Acquisition
AproprietarysamplingarchitectureallowstheLTC2376-16
to begin acquiring the input signal for the next conver-
sion 527ns after the start of the current conversion. This
extends the acquisition time to 3.46µs, easing settling
requirements and allowing the use of extremely low power
ADC drivers. (Refer to the Timing Diagram.)
Internal Conversion Clock
The LTC2376-16 has an internal clock that is trimmed to
achieve a maximum conversion time of 3µs.
Auto Power-Down
The LTC2376-16 automatically powers down after a con-
version has been completed and powers up once a new
conversion is initiated on the rising edge of CNV. During
power down, data from the last conversion can be clocked
out. To minimize power dissipation during power down,
disableSDOandturnoffSCK.Theautopower-downfeature
will reduce the power dissipation of the LTC2376-16 as
the sampling frequency is reduced. Since power is con-
sumed only during a conversion, the LTC2376-16 remains
powered-down for a larger fraction of the conversion cycle
(tCYC) at lower sample rates, thereby reducing the average
power dissipation which scales with the sampling rate as
shown in Figure 12.
applicaTions inForMaTion
DIGITAL INTERFACE
The LTC2376-16 has a serial digital interface. The flexible
OVDD supply allows the LTC2376-16 to communicate with
any digital logic operating between 1.8V and 5V, including
2.5V and 3.3V systems.
The serial output data is clocked out on the SDO pin when
anexternalclockisappliedtotheSCKpinifSDOisenabled.
Clocking out the data after the conversion will yield the
best performance. With a shift clock frequency of at least
20MHz, a 250ksps throughput is still achieved. The serial
output data changes state on the rising edge of SCK and
can be captured on the falling edge or next rising edge of
SCK. D15 remains valid till the first rising edge of SCK.
The serial interface on the LTC2376-16 is simple and
straightforwardtouse.Thefollowingsectionsdescribethe
operation of the LTC2376-16. Several modes are provided
depending on whether a single or multiple ADCs share the
SPI bus or are daisy-chained.
SAMPLING RATE (kHz)
0
50
100
250
200
150
0
1.0
0.8
0.4
0.2
0.6
1.6
1.4
1.2
237616 F12
IVDD
IREF
IOVDD
Figure 12. Power Supply Current of the LTC2376-16
Versus Sampling Rate


Similar Part No. - LTC2376-16_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2376-16 LINER-LTC2376-16 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2376-16 LINER-LTC2376-16 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2376-16 LINER-LTC2376-16 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC2376-16 LINER-LTC2376-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2376-16 LINER-LTC2376-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
More results

Similar Description - LTC2376-16_15

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2378-16 LINER-LTC2378-16_15 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
LTC2377-16 LINER-LTC2377-16_15 Datasheet
764Kb / 24P
   16-Bit, 500ksps, Low Power SAR ADC with 97dB SNR
LTC2364-18 LINER-LTC2364-18_15 Datasheet
1Mb / 24P
   18-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2391-16 LINER-LTC2391-16 Datasheet
291Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16_15 Datasheet
229Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2376-18 LINER-LTC2376-18_15 Datasheet
903Kb / 24P
   18-Bit, 250ksps, Low Power SAR ADC with 102dB SNR
LTC2364-16 LINER-LTC2364-16_15 Datasheet
527Kb / 24P
   16-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2368-18 LINER-LTC2368-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2381-16 LINER-LTC2381-16_15 Datasheet
1Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com