Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1061 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1061
Description  High Performance Triple Universal Filter Building Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1061 Datasheet(HTML) 1 Page - Linear Technology

  LTC1061 Datasheet HTML 1Page - Linear Technology LTC1061 Datasheet HTML 2Page - Linear Technology LTC1061 Datasheet HTML 3Page - Linear Technology LTC1061 Datasheet HTML 4Page - Linear Technology LTC1061 Datasheet HTML 5Page - Linear Technology LTC1061 Datasheet HTML 6Page - Linear Technology LTC1061 Datasheet HTML 7Page - Linear Technology LTC1061 Datasheet HTML 8Page - Linear Technology LTC1061 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1061
The LTC1061 consists of three high performance, univer-
sal filter building blocks. Each filter building block together
with an external clock and 2 to 5 resistors can produce
various second order functions which are available at its
three output pins. Two out of three always provide low-
pass and bandpass functions while the third output pin
can produce highpass or notch or allpass. The center
frequency of these functions can be tuned with an external
clock or an external clock and a resistor ratio. For Q < 5, the
center frequency ranges from 0.1Hz to 35kHz. For Qs of 10
or above, the center frequency ranges from 0.1Hz to
28kHz.
The LTC1061 can be used with single or dual supplies
ranging from
±2.37V to ±8V (or 4.74V to 16V). When the
filter operates with supplies of
±5V and above, it can
handle input frequencies up to 100kHz.
The LTC1061 is compatible with the LTC1059 single
universal filter and the LTC1060 dual. Higher than 6th
order functions can be obtained by cascading the LTC1061
with the LTC1059 or LTC1060. Any classical filter realiza-
tion can be obtained.
The LTC1061 is manufactured by using Linear Technology’s
enhanced LTCMOS
TM silicon gate process.
High Performance Triple
Universal Filter Building Block
DESCRIPTIO
S
FEATURE
s
Up to 6th Order Filter Functions with a Single 20-Pin
0.3" Wide Package
s
Center Frequency Range up to 35kHz
s
fO × Q Product up to 1MHz
s
Guaranteed Center Frequency and Q Accuracy Over
Temperature
s
Guaranteed Low Offset Voltages Over Temperature
s
90dB Signal-to-Noise Ratio
s
Filter Operates from Single 4.7V Supply and up to
±8V Supplies
s
Guaranteed Filter Specifications with
±5V Supply and
±2.37V Supply
s
Low Power Consumption with Single 5V Supply
s
Clock Inputs T
2L and CMOS Compatible
INPUT FREQUENCY GAIN (kHz)
–100
–80
–60
–40
–20
0
10
20
30
40
LTC1061 • TA02
50
2kHz
fCLK = 1MHz
0
Amplitude Response
S
APPLICATI
s
High Order, Wide Frequency Range Bandpass,
Lowpass, Notch Filters
s
Low Power Consumption, Single 5V Supply,
Clock-Tunable Filters
s
Tracking Filters
s
Antialiasing Filters
LTCMOS
TM is a trademark of Linear Technology Corp.
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
78.7k
4.99k
23.7k
4.99k
165k
5.49k
49.9k
V= –7.5V
165k
4.99k
1k
9.31k
165k
VIN < 100kHz
7.5V
T2 CLK IN < 1.2MHz
V+ = 7.5V
1061 TA01
LTC1061
VOUT
6th Order, Clock-Tunable, 0.5dB Ripple Chebyshev BP Filter
APPLICATI
TYPICAL


Similar Part No. - LTC1061

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1061 LINER-LTC1061 Datasheet
329Kb / 16P
   High Performance Triple Universal Filter Building Block
LTC1061 LINER-LTC1061 Datasheet
335Kb / 16P
   High Performance Triple Universal Filter Building Block
LTC1061ACJ LINER-LTC1061ACJ Datasheet
329Kb / 16P
   High Performance Triple Universal Filter Building Block
LTC1061ACN LINER-LTC1061ACN Datasheet
329Kb / 16P
   High Performance Triple Universal Filter Building Block
LTC1061AMJ LINER-LTC1061AMJ Datasheet
329Kb / 16P
   High Performance Triple Universal Filter Building Block
More results

Similar Description - LTC1061

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1061 LINER-LTC1061_09 Datasheet
329Kb / 16P
   High Performance Triple Universal Filter Building Block
LTC1061CS LINER-LTC1061CS Datasheet
212Kb / 3P
   High Performance Triple Universal Filter Building Block?
LTC1061 LINER-LTC1061_15 Datasheet
335Kb / 16P
   High Performance Triple Universal Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
   Universal Dual Filter Building Block?
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
   Universal Dual Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_15 Datasheet
240Kb / 16P
   High Speed, Quad Universal Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com