Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1755 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1755
Description  Smart Card Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1755 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1755_15 Datasheet HTML 2Page - Linear Technology LTC1755_15 Datasheet HTML 3Page - Linear Technology LTC1755_15 Datasheet HTML 4Page - Linear Technology LTC1755_15 Datasheet HTML 5Page - Linear Technology LTC1755_15 Datasheet HTML 6Page - Linear Technology LTC1755_15 Datasheet HTML 7Page - Linear Technology LTC1755_15 Datasheet HTML 8Page - Linear Technology LTC1755_15 Datasheet HTML 9Page - Linear Technology LTC1755_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC1755/LTC1756
TYPICAL PERFOR A CE CHARACTERISTICS
DVCC, VIN Supply Current
In Shutdown
DVCC INPUT VOLTAGE (V)
0
0
3.0
6.0
9.0
1.5
4.5
7.5
DVCC
VIN
1
23
4
17556 G10
56
VIN = 3V
TA = 25°C
VIN Shutdown Current
vs Input Voltage
INPUT VOLTAGE (V)
0
0
0.2
0.4
0.6
0.8
1.0
1
23
4
17556 G11
56
DVCC = 0
TA = 25°C
PI FU CTIO S
PRES (Pin 1):(Input) Connects to the Smart Card acceptor’s
PRESENT indicator switch to detect if a card is inserted.
This pin has a pull-up current source so that a grounded
switch can be detected with no external components. The
pull-up current source is nonlinear, delivering higher
current when the PRES pin is above 1V but very little
current below 1V. This helps resist false card indications
due to leakage current. The activation state of the PRES pin
can be set by the NC/NO pin so that both normally open
(NO) and normally closed (NC) switches are easily recog-
nized (see NC/NO pin description).
DVCC sets the logic reference level for the PRES pin.
PWR (Pin 2): (Input) A low on the PWR pin places the
LTC1755/LTC1756 in the ACTIVE state enabling the charge
pump. The READY pin indicates when the card supply
voltage (VCC) has reached its final value and communica-
tion with the Smart Card is possible. The reset and clock
channels are enabled after READY goes low. The three I/
O channels are also enabled only after READY goes low,
however they may be disabled separately via the CS pin
(CS is not available on the LTC1756).
The falling edge of PWR latches the state of the 5V/3V pin.
After PWR is low, changes on the 5V/3V pin are ignored.
CS (Pin 3, LTC1755 Only): (Input) The CS pin enables the
three bidirectional I/O channels of the LTC1755. When the
I/O channels are disabled the Smart Card pins (I/O, AUX1,
AUX2) are forced to logic one and the controller pins
(DATA, AUX2IN, AUX1IN) are high impedance. CS can be
brought low along with PWR when the device is first
enabled, however communication with the Smart Card is
inhibited until VCC reaches its final value as indicated by a
low on the READY pin. CS does not affect the charge
pump, CLK or RST channels. On the LTC1756, CS is
internally connected to the PWR pin.
DVCC sets the logic reference level for the CS pin.
NC/NO (Pin 4, LTC1755 Only): (Input) This pin controls
the activation level of the PRES pin. When it is high (DVCC)
the PRES pin is active high. When it is low (GND) the PRES
pin is active low. In either case the presence of a Smart
Card is indicated by a low on the CARD output. When a
ground side normally open (NO) switch is used the NC/NO
pin should be grounded. When a ground side normally
closed (NC) switch is used the NC/NO pin should be
connected to DVCC. The LTC1756 is permanently config-
ured to accept a normally open switch.
LTC1755/LTC1756


Similar Part No. - LTC1755_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
More results

Similar Description - LTC1755_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
   Smart Card Interface
Rev 1; 2/08
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
   Smart Card Interface
Rev 1; 4/13
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
   Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
   Smart Card Interface
Rev 2; 2/12
logo
NXP Semiconductors
TDA8034T NXP-TDA8034T Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
   Smart Card Interface
Rev 1; 5/09
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
   Smart Card Interface
April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com