Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSI30H150CW Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSI30H150CW
Description  30A, 100V - 200V Trench Schottky Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSI30H150CW Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSI30H150CW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSI30H150CW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSI30H150CW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSI30H150CW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSI30H150CW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Patented Trench Schottky technology
- Excellent high temperature stability
- Low forward voltage
- Low power loss/ high efficiency
- High forward surge capability
Molding compound meets UL 94 V-0 flammability rating
Packing code with suffix "G" menas green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
V
dV/dt
V/μs
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
TJ = 25°C
0.69
0.78
0.75
0.84
0.81
0.90
0.84
0.92
TJ = 125°C
0.61
0.68
0.64
0.73
0.68
0.77
0.70
0.79
TJ = 25°C
-
250
-
250
-
150
-
150
μA
TJ = 125°C
10
35
10
35
3
20
3
20
mA
RθJC
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1411045
Version: C15
Maximum average
forward rectified current
per device
Taiwan Semiconductor
30A, 100V - 200V Trench Schottky Rectifiers
FEATURES
- Compliant to RoHS directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
TSI30H
150CW
Storage temperature range
IR
Maximum repetitive peak reverse voltage
per diode
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load per diode
A
200
IFSM
30
Trench Schottky barrier rectifier are designed for high frequency
miniature switched mode power supplies such as adapters,
lighting and on-board DC/DC converters.
Note 1: Pulse test with pulse width = 300μs, 1% duty cycle
Instantaneous reverse current per
diode at rated reverse voltage
Typical thermal resistance per diode
Instantaneous forward
voltage per diode (Note1)
Operating junction temperature range
100
120
A
IF(AV)
150
- Halogen-free according to IEC 61249-2-21 definition
TYPICAL APPLICATIONS
MECHANICAL DATA
Case:
I
2PAK
UNIT
Polarity:
As marked
Voltage rate of change (Rated VR)
Weight:
1.6 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
TSI30H
120CW
V
IF = 15A
PARAMETER
SYMBOL
TSI30H
100CW
I
2PAK
TSI30H100CW - TSI30H200CW
- 55 to +150
- 55 to +150
15
200
10000
VF
TSI30H
200CW
2.7
1
2
3


Similar Part No. - TSI30H150CW

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TSI32 TRANSKO-TSI32 Datasheet
470Kb / 1P
   MINIATURE SMD REAL TIME CLOCK (3.2 x 2.5 x 1.0mm)
Rev.7: Aug. 2015
logo
Integrated Device Techn...
TSI340 IDT-TSI340 Datasheet
667Kb / 149P
   This chapter discusses the following topics about the Tsi340
TSI350 IDT-TSI350 Datasheet
848Kb / 163P
   This chapter discusses the following
TSI352 IDT-TSI352 Datasheet
926Kb / 183P
   This chapter discusses the following topics about the Tsi352
TSI381 IDT-TSI381 Datasheet
115Kb / 2P
   Compliant with the following specifications
More results

Similar Description - TSI30H150CW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSI10H100CW TSC-TSI10H100CW Datasheet
245Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifiers
TSI20H100CW TSC-TSI20H100CW Datasheet
245Kb / 5P
   20A, 100V - 200V Trench Schottky Rectifiers
TSF10L100CW TSC-TSF10L100CW Datasheet
247Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifiers
TSSD20L100SW TSC-TSSD20L100SW Datasheet
361Kb / 8P
   20A, 100V - 200V Trench Schottky Rectifier
TSD10H100CW TSC-TSD10H100CW Datasheet
234Kb / 5P
   10A, 100V - 200V Trench Schottky Rectifier
TSSD10L100SW TSC-TSSD10L100SW Datasheet
341Kb / 6P
   10A, 100V - 200V Trench Schottky Rectifier
TST10L200CW TSC-TST10L200CW Datasheet
341Kb / 4P
   10A, 200V Trench Schottky Rectifiers
logo
Mospec Semiconductor
S30D70 MOSPEC-S30D70 Datasheet
259Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(30A,70-100V)
logo
Taiwan Semiconductor Co...
TSP15H120S TSC-TSP15H120S Datasheet
237Kb / 5P
   15A, 120V - 200V Trench Schottky Rectifiers
TST30L45CW TSC-TST30L45CW Datasheet
225Kb / 5P
   30A, 45V - 60V Trench Schottky Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com