Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR20A120CTE-G Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR20A120CTE-G
Description  SUPER BARRIER RECTIFIER 20A SBR짰
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR20A120CTE-G Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR20A120CTE-G Datasheet HTML 1Page - Diodes Incorporated SBR20A120CTE-G Datasheet HTML 2Page - Diodes Incorporated SBR20A120CTE-G Datasheet HTML 3Page - Diodes Incorporated SBR20A120CTE-G Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR20A120CTE
Document number: DS35608 Rev. 3 - 2
3 of 4
www.diodes.com
September 2012
© Diodes Incorporated
SBR20A120CTE
10,000
0
2040
6080
100
120
1,000
100
10
1
0.1
Fig. 3 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0
2
4
6
8
Fig. 4 Forward Current Derating Curve
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
10
10
20
30
40
50
60
70
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
A
Fig. 5 Thermal Resistance vs. Ambient Temperature
0
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
TO262
Dim
Min
Max
Typ
A
4.06
4.83
4.57
A2
2.03
2.79
2.67
b
0.64
0.99
-
b2
1.14
1.40
1.24
c
0.35
0.74
-
c2
1.14
1.40
1.27
D
8.64
9.65
8.70
E
9.65
10.29
10.11
e
2.54 Typ
L
12.70
14.73
13.60
L1
-
1.67
-
L2
4.00
-
All Dimensions in mm
E
D
L1
c2
A
b
b2
L2
e
A2
c


Similar Part No. - SBR20A120CTE-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A120CT DIODES-SBR20A120CT Datasheet
165Kb / 5P
   SUPER BARRIER RECTIFIER
SBR20A120CT DIODES-SBR20A120CT Datasheet
449Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A120CT-G DIODES-SBR20A120CT-G Datasheet
449Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A120CTFP DIODES-SBR20A120CTFP Datasheet
449Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A120CTFP-G DIODES-SBR20A120CTFP-G Datasheet
449Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
More results

Similar Description - SBR20A120CTE-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20U60 DIODES-SBR20U60_15 Datasheet
160Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20100CTP DIODES-SBR20100CTP_15 Datasheet
91Kb / 4P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A100 DIODES-SBR20A100_15 Datasheet
134Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A120 DIODES-SBR20A120_15 Datasheet
449Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A60CTBQ DIODES-SBR20A60CTBQ_15 Datasheet
199Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20150CT DIODES-SBR20150CT_15 Datasheet
202Kb / 5P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A40CT DIODES-SBR20A40CT_08 Datasheet
165Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30963 Rev. 3 - 2
SBR2045CT DIODES-SBR2045CT_08 Datasheet
173Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30958 Rev. 5 - 2
SBR20A300CT DIODES-SBR20A300CT_08 Datasheet
169Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30993 Rev. 4 - 2
SBR2040 DIODES-SBR2040_15 Datasheet
156Kb / 5P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A100CTB DIODES-SBR20A100CTB_15 Datasheet
314Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com