Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1066-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1066-1
Description  14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1066-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1066-1_15 Datasheet HTML 3Page - Linear Technology LTC1066-1_15 Datasheet HTML 4Page - Linear Technology LTC1066-1_15 Datasheet HTML 5Page - Linear Technology LTC1066-1_15 Datasheet HTML 6Page - Linear Technology LTC1066-1_15 Datasheet HTML 7Page - Linear Technology LTC1066-1_15 Datasheet HTML 8Page - Linear Technology LTC1066-1_15 Datasheet HTML 9Page - Linear Technology LTC1066-1_15 Datasheet HTML 10Page - Linear Technology LTC1066-1_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC1066-1
7
10661fa
level threshold values for a dual or single supply operation.
Sine waves are not recommended for clock input frequen-
cies less than 100kHz, since excessively slow clock rise or
fall times generate internal clock jitter (maximum clock
rise or fall time
≤ 1µs). The clock signal should be routed
from the left side of the IC package and perpendicular to it
to avoid coupling to any input or output analog signal path.
A 200
Ω resistor between clock source and pin 9 will slow
down the rise and fall times of the clock to further reduce
charge coupling.
Table 5. Clock Source High and Low Threshold Levels
POWER SUPPLY
HIGH LEVEL
LOW LEVEL
Dual Supply =
±7.5V
≥ 2.18V
≤ 0.5V
Dual Supply =
±5V
≥ 1.45V
≤ 0.5V
Dual Supply =
±2.5V
≥ 0.73V
≤ –2.0V
Single Supply = 12V
≥ 7.80V
≤ 6.5V
Single Supply = 5V
≥ 1.45V
≤ 0.5V
50:1/100:1 Pin (8)
The DC level at pin 8 determines the ratio of the clock to
the filter cutoff frequency. When pin 8 is connected to
V + the clock-to-cutoff frequency ratio (fCLK/fCUTOFF) is
50:1 and the filter response is elliptic. The design of the
internal switched-capacitor filter was optimized for a 50:1
operation.
When pin 8 is connected to ground (or 1/2 supply for
single supply operation), the fCLK/fCUTOFF ratio is equal to
100:1 and the filter response is pseudolinear phase (see
Group Delay vs Frequency in Typical Performance Charac-
teristic section).
When pin 8 is connected to V (or ground for single supply
operation), the fCLK/fCUTOFF ratio is 100:1 and the filter
response is transitional Butterworth elliptic. The Typical
Performance Characteristics provide all the necessary
information.
If the DC level at pin 8 is mechanically switched, a 10k
resistor should be connected between pin 8 and the DC
source.
Input Pins (2, 3, 14, 16)
Pin 3 (+IN A) and pin 2 (–IN A) are the positive and
negative inputs of an internal high performance op amp A
PIN FUNCTIONS
Power Supply Pins (5, 18, 4, 10)
The power supply pins should be bypassed with a 0.1
µF
capacitor to an adequate analog ground. The bypass
capacitors should be connected as close as possible to the
power supply pins. The V+ pins (5, 18) and the V pins (4,
10) should always be tied to the same positive supply and
negative supply value respectively. Low noise linear sup-
plies are recommended. Switching power supplies are not
recommended as they will lower the filter dynamic range.
When the LTC1066-1 is powered up with dual supplies
and, if V+ is applied prior to a floating V , connect a signal
diode (1N4148) between pin 10 and ground to prevent
power supply reversal and latch-up. A signal diode
(1N4148) is also recommended between pin 5 and ground
if the negative supply is applied prior to the positive supply
and the positive supply is floating. Note, in most labora-
tory supplies, reversed biased diodes are always con-
nected between the supply output terminals and ground,
and the above precautions are not necessary. However,
when the filter is powered up with conventional 3-terminal
regulators, the diodes are recommended.
Analog Ground Pin (15)
The filter performance depends on the quality of the
analog signal ground. For either dual or single supply
operation, an analog ground plane surrounding the pack-
age is recommended. The analog ground plane should be
connected to any digital ground at a single point. For dual
supply operation, pin 15 should be connected to the
analog ground plane. For single supply operation pin 15
should be biased at 1/2 supply and should be bypassed to
the analog ground plane with at least a 1
µF capacitor (see
Typical Applications). For single 5V operation and for
fCLK ≥ 1.4MHz, pin 15 should be biased at 2V. This
minimizes passband gain and phase variations.
Clock Input Pin (9)
Any TTL or CMOS clock source with a square-wave output
and 50% duty cycle (
±10%) is an adequate clock source
for the device. The power supply for the clock source
should not be the filter’s power supply. The analog ground
for the filter should be connected to clock’s ground at a
single point only. Table 5 shows the clock’s low and high


Similar Part No. - LTC1066-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1066-1CS LINER-LTC1066-1CS Datasheet
363Kb / 16P
   14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
LTC1066-1CSW LINER-LTC1066-1CSW Datasheet
271Kb / 20P
   14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
LTC1066-1 LINER-LTC1066-1_09 Datasheet
271Kb / 20P
   14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
More results

Similar Description - LTC1066-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1066-1 LINER-LTC1066-1 Datasheet
363Kb / 16P
   14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
LTC1066-1 LINER-LTC1066-1_09 Datasheet
271Kb / 20P
   14-Bit DC Accurate Clock-Tunable, 8th Order Elliptic or Linear Phase Lowpass Filter
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_15 Datasheet
261Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1065 LINER-LTC1065_09 Datasheet
255Kb / 16P
   DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1569-7 LINER-LTC1569-7 Datasheet
222Kb / 12P
   Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1569-7 LINER-LTC1569-7_15 Datasheet
242Kb / 12P
   Linear Phase, DC Accurate, Tunable, 10th Order Lowpass Filter
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com