Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC694-3.3 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC694-3.3
Description  3.3V Microprocessor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC694-3.3 Datasheet(HTML) 2 Page - Linear Technology

  LTC694-3.3_15 Datasheet HTML 1Page - Linear Technology LTC694-3.3_15 Datasheet HTML 2Page - Linear Technology LTC694-3.3_15 Datasheet HTML 3Page - Linear Technology LTC694-3.3_15 Datasheet HTML 4Page - Linear Technology LTC694-3.3_15 Datasheet HTML 5Page - Linear Technology LTC694-3.3_15 Datasheet HTML 6Page - Linear Technology LTC694-3.3_15 Datasheet HTML 7Page - Linear Technology LTC694-3.3_15 Datasheet HTML 8Page - Linear Technology LTC694-3.3_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC694-3.3/LTC695-3.3
2
69453fb
ABSOLUTE MAXIMUM RATINGS
Terminal Voltage
VCC.......................................................... –0.3V to 6V
VBATT ...................................................... –0.3V to 6V
All Other Inputs ..................... –0.3V to (VOUT + 0.3V)
Input Current
VCC ..................................................................100mA
VBATT .................................................................25mA
GND ...................................................................10mA
(Notes 1 and 2)
1
2
3
4
5
6
7
8
TOP VIEW
N PACKAGE
16-LEAD PDIP
9
16
15
14
13
12
11
10
VCC
VOUT
VBATT
GND
BATT ON
OSC IN
LOW LINE
OSC SEL
WDO
CE IN
RESET
RESET
CE OUT
WDI
PFI
PFO
TJMAX = 110°C, θJA = 130°C/W
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC WIDE SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VBATT
VOUT
VCC
GND
BATT ON
LOW LINE
OSC IN
OSC SEL
RESET
RESET
WDO
CE IN
CE OUT
WDI
PFO
PFI
TJMAX = 110°C, θJA = 130°C/W
1
2
3
4
5
6
7
8
TOP VIEW
VCC
VOUT
PFI
GND
WDI
VBATT
PFO
RESET
N8 PACKAGE
8-LEAD PDIP
TJMAX = 110°C, θJA = 130°C/W
1
2
3
4
5
6
7
8
TOP VIEW
VBATT
VCC
VOUT
PFO
PFI
GND
S8 PACKAGE
8-LEAD PLASTIC SO
WDI
RESET
TJMAX = 110°C, θJA = 180°C/W
PIN CONFIGURATION
VOUT Output Current ................. Short-Circuit Protected
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC694C-3.3/LTC695C-3.3...................... 0°C to 70°C
LTC694I-3.3/LTC695I-3.3 ....................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)................... 300°C


Similar Part No. - LTC694-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC694-3.3 LINER-LTC694-3.3 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC694-3.3 LINER-LTC694-3.3 Datasheet
148Kb / 16P
   3.3V Microprocessor Supervisory Circuits
LTC694-3.3 LINER-LTC694-3.3 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
More results

Similar Description - LTC694-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC695-3.3 LINER-LTC695-3.3_15 Datasheet
199Kb / 20P
   3.3V Microprocessor Supervisory Circuits
LTC694-3.3 LINER-LTC694-3.3 Datasheet
148Kb / 16P
   3.3V Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX793 MAXIM-MAX793 Datasheet
150Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 1; 1/96
MAX793 MAXIM-MAX793_10 Datasheet
191Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com