Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1044A Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1044A
Description  12V CMOS Voltage Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1044A Datasheet(HTML) 5 Page - Linear Technology

  LTC1044A Datasheet HTML 1Page - Linear Technology LTC1044A Datasheet HTML 2Page - Linear Technology LTC1044A Datasheet HTML 3Page - Linear Technology LTC1044A Datasheet HTML 4Page - Linear Technology LTC1044A Datasheet HTML 5Page - Linear Technology LTC1044A Datasheet HTML 6Page - Linear Technology LTC1044A Datasheet HTML 7Page - Linear Technology LTC1044A Datasheet HTML 8Page - Linear Technology LTC1044A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1044A
1
2
3
4
8
7
6
5
LTC1044A
V+ (5V)
+
C1
10
µF
C2
10
µF
COSC
VOUT
RL
IS
IL
EXTERNAL
OSCILLATOR
LTC1044A • TC
S
APPLICATI
I FOR ATIO
Theory of Operation
To understand the theory of operation of the LTC1044A, a
review of a basic switched-capacitor building block is
helpful.
In Figure 1, when the switch is in the left position, capacitor
C1 will charge to voltage V1. The total charge on C1 will be
q1 = C1V1. The switch then moves to the right, discharg-
ing C1 to voltage V2. After this discharge time, the charge
on C1 is q2 = C1V2. Note that charge has been transferred
from the source, V1, to the output, V2. The amount of
charge transferred is:
∆q = q1 – q2 = C1(V1 – V2)
If the switch is cycled f times per second, the charge
transfer per unit time (i.e., current) is:
I = f
× ∆q = f × C1(V1 – V2)
V1
LTC1044A • F01
V2
C1
f
C2
RL
Figure 1. Switched-Capacitor Building Block
Rewriting in terms of voltage and impedance equivalence,
I =
=
V1 – V2
1/(f
× C1)
V1 – V2
REQUIV
A new variable, REQUIV, has been defined such that REQUIV
= 1/(f
× C1). Thus, the equivalent circuit for the switched-
capacitor network is as shown in Figure 2.
V1
LTC1044A • F02
V2
C2
RL
REQUIV
REQUIV =
1
f
× C1
Figure 2. Switched-Capacitor Equivalent Circuit
Examination of Figure 3 shows that the LTC1044A has the
same switching action as the basic switched-capacitor
building block. With the addition of finite switch-on resis-
tance and output voltage ripple, the simple theory al-
though not exact, provides an intuitive feel for how the
device works.
For example, if you examine power conversion efficiency
as a function of frequency (see typical curve), this simple
theory will explain how the LTC1044A behaves. The loss,
and hence the efficiency, is set by the output impedance.
As frequency is decreased, the output impedance will
eventually be dominated by the 1/(f
× C1) term, and power
efficiency will drop. The typical curves for Power Effi-
ciency vs Frequency show this effect for various capacitor
values.
Note also that power efficiency decreases as frequency
goes up. This is caused by internal switching losses which
occur due to some finite charge being lost on each
switching cycle. This charge loss per unit cycle, when
multiplied by the switching frequency, becomes a current
loss. At high frequency this loss becomes significant and
the power efficiency starts to decrease.
TEST CIRCUIT


Similar Part No. - LTC1044A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1044A LINER-LTC1044A Datasheet
221Kb / 14P
   12V CMOS Voltage Converter
LTC1044A LINER-LTC1044A_15 Datasheet
221Kb / 14P
   12V CMOS Voltage Converter
More results

Similar Description - LTC1044A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1044A LINER-LTC1044A_15 Datasheet
221Kb / 14P
   12V CMOS Voltage Converter
logo
Intersil Corporation
ICL7662 INTERSIL-ICL7662_06 Datasheet
223Kb / 10P
   CMOS Voltage Converter
logo
Texas Instruments
TL7660 TI-TL7660 Datasheet
335Kb / 19P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
logo
Renesas Technology Corp
ICL7662 RENESAS-ICL7662 Datasheet
533Kb / 11P
   CMOS Voltage Converter
logo
Silicon Supplies
SIS7660 SS-SIS7660 Datasheet
1Mb / 5P
   CMOS Voltage Converter
logo
Texas Instruments
TL7660 TI1-TL7660_14 Datasheet
761Kb / 23P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
logo
Maxim Integrated Produc...
MAX660 MAXIM-MAX660 Datasheet
108Kb / 12P
   CMOS Monolithic Voltage Converter
Rev. 2; 9/96
logo
Impala Linear Corporati...
ILC6660 IMPALA-ILC6660 Datasheet
58Kb / 5P
   CMOS MONOLITHIC VOLTAGE CONVERTER
logo
Linear Technology
LTC660 LINER-LTC660 Datasheet
262Kb / 12P
   100mA CMOS Voltage Converter
LTC660 LINER-LTC660_15 Datasheet
238Kb / 12P
   100mA CMOS Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com