Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DXTP19020DP5 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DXTP19020DP5
Description  20V PNP HIGH GAIN TRANSISTOR PowerDI짰5
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXTP19020DP5 Datasheet(HTML) 1 Page - Diodes Incorporated

  DXTP19020DP5_15 Datasheet HTML 1Page - Diodes Incorporated DXTP19020DP5_15 Datasheet HTML 2Page - Diodes Incorporated DXTP19020DP5_15 Datasheet HTML 3Page - Diodes Incorporated DXTP19020DP5_15 Datasheet HTML 4Page - Diodes Incorporated DXTP19020DP5_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DXTP19020DP5
Document number: DS32012 Rev. 3 - 2
1 of 5
www.diodes.com
March 2010
© Diodes Incorporated
DXTP19020DP5
A Product Line of
Diodes Incorporated
PowerDI is a registered trademark of Diodes Incorporated.
20V PNP HIGH GAIN TRANSISTOR
PowerDI
®5
Features
43% smaller than SOT223; 60% smaller than TO252
Maximum height just 1.1mm
Rated up to 1.3W
VCEO = -20V
IC = -8A; ICM = -15A
Low Saturation voltage, high gain transistor
Lead, Halogen and Antimony Free, RoHS Compliant (Note 1)
“Green” Device (Note 2)
Applications
Load disconnect switch
Battery charging
Mechanical Data
Case: PowerDI
®5
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.093 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
DXTP19020DP5-13
PowerDI
®5
5000/Tape & Reel
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Diodes Inc’s “Green” Policy can be found on our website at http://www.diodes.com
3. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Top View
Bottom View
Pin-out diagram
C
BE
Device Schematic
DTP1920D = Product Type Marking Code
= Manufacturers’ Code Marking
K = Factory Designator
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 09 for 2009)
WW = Week code (01 to 53)
YYWWK
DTP1920D


Similar Part No. - DXTP19020DP5_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXTP19020DP5-13 DIODES-DXTP19020DP5-13 Datasheet
143Kb / 5P
   20V PNP HIGH GAIN TRANSISTOR PowerDI짰5
DS32012 Rev. 3 - 2
More results

Similar Description - DXTP19020DP5_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXTP19020DP5 DIODES-DXTP19020DP5 Datasheet
143Kb / 5P
   20V PNP HIGH GAIN TRANSISTOR PowerDI짰5
DS32012 Rev. 3 - 2
DXT790AP5 DIODES-DXT790AP5 Datasheet
116Kb / 7P
   40V PNP HIGH GAIN TRANSISTOR PowerDI짰5
DS31800 Rev. 2 - 2
logo
Zetex Semiconductors
ZXTP25012EZ ZETEX-ZXTP25012EZ Datasheet
387Kb / 8P
   20V PNP high gain transistor
ZXTP19020DG ZETEX-ZXTP19020DG Datasheet
337Kb / 8P
   20V PNP high gain transistor
ZXTP25020DZ ZETEX-ZXTP25020DZ Datasheet
390Kb / 8P
   20V PNP high gain transistor
ZXTP19020DZ ZETEX-ZXTP19020DZ Datasheet
231Kb / 8P
   20V PNP high gain transistor
ZXTP25020DG ZETEX-ZXTP25020DG Datasheet
334Kb / 8P
   20V PNP high gain transistor
logo
Diodes Incorporated
ZXTP19020DG DIODES-ZXTP19020DG_15 Datasheet
845Kb / 7P
   20V PNP HIGH GAIN TRANSISTOR IN SOT223
ZXTP25020DG DIODES-ZXTP25020DG_15 Datasheet
581Kb / 7P
   20V PNP MEDIUM POWER HIGH GAIN TRANSISTOR
ZXTP25020DG DIODES-ZXTP25020DG Datasheet
341Kb / 8P
   20V PNP high gain transistor in SOT223
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com