Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH0119J Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RH0119J
Description  Hyper Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0119J Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RH0119J_15 Datasheet HTML 1Page - Solid States Devices, Inc RH0119J_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0119J
DOC
ELECTRICAL CHARACTERISTICS
Symbol
Min
Max
Unit
Instantaneous Forward Voltage Drop
(IF = 1 Amps, TA = 25°C, Pulsed)
SDR1DHF – SDR1JHF
SDR1KHF
SDR1MHF – SDR1NHF
VF1
––
––
––
1.5
1.9
2.9
Volts
Instantaneous Forward Voltage Drop
(IF = 1 Amps, TA = -55°C, Pulsed)
SDR1DHF – SDR1JHF
SDR1KHF
SDR1MHF – SDR1NHF
VF2
––
––
––
2.2
2.6
3.6
Volts
Reverse Leakage Current
(At Rated VR, pulsed)
TA = 25°C
TA = 100°C
IR1
IR2
––
––
5.0
200
µA
Reverse Recovery Time
(IF = 500 mA, IR = 1 A, IRR = 250 mA, TA = 25°C)
trr
––
35
ns
Junction Capacitance
(VR = 10 VDC, TA = 25°C, f = 1 MHz)
CJ
––
20
pF
Case Outline: (Axial)
DIM
MIN
MAX
A
––
0.150”
B
––
0.190”
C
0.027”
0.033”
D
0.950”
––
Case Outline: (SMS)
DIM
MIN
MAX
A
0.134”
0.153”
B
0.200”
0.280”
C
0.022”
0.028”
D
0.002”
––
Note: Dimensions prior to soldering.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR1DHF & SDR1DHFSMS
thru
SDR1NHF & SDR1NHFSMS


Similar Part No. - RH0119J_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0119J SSDI-RH0119J Datasheet
77Kb / 2P
   Hyper Fast Recovery Rectifier
More results

Similar Description - RH0119J_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0126C SSDI-RC0126C Datasheet
128Kb / 2P
   HYPER FAST RECOVERY RECTIFIER
SPD6626 SSDI-SPD6626_1 Datasheet
141Kb / 2P
   HYPER FAST RECOVERY RECTIFIER
RC0160C SSDI-RC0160C_15 Datasheet
187Kb / 2P
   HYPER FAST RECOVERY RECTIFIER
SDR1AHF SSDI-SDR1AHF_2 Datasheet
108Kb / 2P
   Hyper Fast Recovery Rectifier
SDR6638 SSDI-SDR6638 Datasheet
118Kb / 2P
   HYPER FAST RECOVERY RECTIFIER
RC0096F SSDI-RC0096F_15 Datasheet
112Kb / 2P
   HYPER FAST RECOVERY RECTIFIER
RC0126C SSDI-RC0126C_15 Datasheet
128Kb / 2P
   HYPER FAST RECOVERY RECTIFIER
SDR2HF1.8 SSDI-SDR2HF1.8_1 Datasheet
149Kb / 2P
   HYPER FAST RECOVERY RECTIFIER
RC0160C SSDI-RC0160C Datasheet
187Kb / 2P
   HYPER FAST RECOVERY RECTIFIER
RH0119J SSDI-RH0119J Datasheet
77Kb / 2P
   Hyper Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com