Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1465A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1465A
Description  SAW Filter 2535MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1465A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1465A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1465A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1465A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1465A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1465A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1465A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1465A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1465A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 2535MHz
MODEL NO.:TA1465A
REV. NO.:2
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage : 3V
3. Operating Temperature: -20°C to +70°C
Electrostatic Sensitive Device (ESD)
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance (single-ended) :
Zs = 50 Ω
Terminating load impedance (single-ended) :
ZL = 50 Ω
Item
Unit
Min.
Typ.
Max. Note
Center Frequency
Fc
MHz
-
2535
-
-
Insertion Loss (2500~2570 MHz)
IL
dB
-
2.5
3.5
-
Amplitude ripple (2500~2570 MHz)
dB
-
1.2
2.2
-
VSWR (2500~2570 MHz)
-
1.9
2.2
-
Attenuation (Reference level from 0 dB)
D.C.~2100
MHz
dB
25
27
-
-
2100~2450
MHz
dB
25
28
-
-
2620~4000
MHz
dB
27
30
-
-
4000~5000
MHz
dB
20
36
-
-
Temperature Coefficient of Frequency
ppm/℃
-
-36
-
-
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA1465A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1465B TAI-SAW-TA1465B Datasheet
620Kb / 8P
   SAW Filter 2535MHz
More results

Similar Description - TA1465A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1465B TAI-SAW-TA1465B Datasheet
620Kb / 8P
   SAW Filter 2535MHz
logo
SIPAT Co,Ltd
LBT253501 SIPAT-LBT253501 Datasheet
404Kb / 4P
   2535MHz SAW Filter 70MHz Bandwidth
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com