Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1460A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1460A
Description  SAW Filter 915MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1460A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1460A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1460A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1460A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1460A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1460A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1460A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 915MHz
MODEL NO.:TA1460A
REV. NO.:1
A. MAXIMUM RATING:
1. Maximum RF Power: 10 dBm
2. DC Voltage : 0V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency, Fc
MHz
-
915
-
Amplitude ripple (902 ~ 928 MHz)
-
1.4
2.0
Insertion loss, IL (902 ~ 928 MHz)
dB
-
2.9
3.5
Attenuation (reference from 0dB)
0.3 ~ 800 MHz
dB
25
33
-
800 ~ 880 MHz
dB
20
37
-
960 ~ 1280 MHz
dB
35
38
-
1280 ~ 2000 MHz
dB
20
35
-
Temperature coefficient of frequ
ency, TCf (ppm/K)
-
-30
-
Source impedance, ZS
-
50
-
Load impedance, ZL
-
50
-
Note1: The standard definintions is in JIS C 6703
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F
RoHS Compliant
Lead free
Lead-free soldering
Electrostatic Sensitive Device (ESD)


Similar Part No. - TA1460A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1462A TAI-SAW-TA1462A Datasheet
156Kb / 7P
   SAW Filter 2338.755MHz
logo
Golledge Electronics Lt...
TA1462A GOLLEDGE-TA1462A Datasheet
228Kb / 6P
   SAW Filter 2338.7550MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1463A TAI-SAW-TA1463A Datasheet
497Kb / 7P
   SAW Filter 418 MHz
logo
Golledge Electronics Lt...
TA1463A GOLLEDGE-TA1463A Datasheet
293Kb / 6P
   SAW Filter 418.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1464A TAI-SAW-TA1464A Datasheet
401Kb / 8P
   SAW Filter 1575.42 MHz
More results

Similar Description - TA1460A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP01408 GOLLEDGE-MP01408 Datasheet
300Kb / 5P
   SAW Filter 915MHz
MP02291 GOLLEDGE-MP02291 Datasheet
109Kb / 6P
   SAW Filter 915MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1423B TAI-SAW-TA1423B Datasheet
282Kb / 8P
   SAW Filter 915MHz
TA1102A TAI-SAW-TA1102A Datasheet
383Kb / 9P
   SAW Filter 915MHz
TA1423A TAI-SAW-TA1423A Datasheet
162Kb / 8P
   SAW Filter 915MHz
logo
Golledge Electronics Lt...
MA04499 GOLLEDGE-MA04499 Datasheet
535Kb / 5P
   SAW Filter 915MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0829B TAI-SAW-TA0829B Datasheet
377Kb / 8P
   SAW Filter 915MHz
TA1102B TAI-SAW-TA1102B Datasheet
374Kb / 9P
   SAW Filter 915MHz
TA0521A TAI-SAW-TA0521A Datasheet
1Mb / 6P
   SAW Filter 915MHz SMD 3.8횞3.8mm
TA0495A TAI-SAW-TA0495A Datasheet
247Kb / 7P
   SAW Filter 915MHz SMD 3.0횞3.0 mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com