Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RH0087F Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RH0087F
Description  HYPERFAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0087F Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RH0087F_15 Datasheet HTML 1Page - Solid States Devices, Inc RH0087F_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS 3/
CHARACTERISTICS
SYMBOL
VALUE
UNIT
MAX
Forward Voltage Drop
( pulsed )
IF = 6.0 Adc , TA = +25°C
IF = 6.0 Adc , TA = -55°C
VF1
VF2
0.975
1.08
Vdc
Reverse Leakage Current
( pulsed )
Rated VR, TA = +25°C
Rated VR, TA =+100°C
IR1
IR2
20
1
μA
mA
Junction Capacitance
VR = 10 Vdc, f = 1MHz, TA = 25°C
CJ
100
pF
Reverse Recovery Time
IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
trr
40
ns
Package Outlines:
DIMENSIONS (inches)
DIMENSIONS (inches)
DIM.
Minimum
Maximum
DIM.
Minimum
Maximum
A
.130
.170
A
.172
.180
B
---
.240
B
.200
.290 (SMS)
C
.038
.042
C
.020
.035
D
1.000
---
D
.002
---
AXIAL
SMS
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD605 thru SPD640
and
SPD605SMS thru SPD640SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0087F
DOC


Similar Part No. - RH0087F_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RH0087F SSDI-RH0087F Datasheet
153Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
More results

Similar Description - RH0087F_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0107B SSDI-RC0107B_15 Datasheet
213Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
HFR30A12P YENYO-HFR30A12P Datasheet
753Kb / 2P
   Hyperfast Recovery Rectifier
logo
Solid States Devices, I...
1N7066 SSDI-1N7066_1 Datasheet
167Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
RC0107B SSDI-RC0107B Datasheet
213Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
HFR15A12 YENYO-HFR15A12 Datasheet
787Kb / 2P
   Hyperfast Recovery Rectifier
HFR60A06PD YENYO-HFR60A06PD Datasheet
1,011Kb / 3P
   Hyperfast Recovery Rectifier
logo
Solid States Devices, I...
SPD605 SSDI-SPD605_1 Datasheet
153Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
HFR30A12 YENYO-HFR30A12 Datasheet
745Kb / 2P
   Hyperfast Recovery Rectifier
logo
Solid States Devices, I...
RH0087F SSDI-RH0087F Datasheet
153Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
RC0108D SSDI-RC0108D_15 Datasheet
119Kb / 2P
   HYPERFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com