Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1962 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1962
Description  300mA, Low Noise, Micropower LDO Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1962 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1962 Datasheet HTML 3Page - Linear Technology LT1962 Datasheet HTML 4Page - Linear Technology LT1962 Datasheet HTML 5Page - Linear Technology LT1962 Datasheet HTML 6Page - Linear Technology LT1962 Datasheet HTML 7Page - Linear Technology LT1962 Datasheet HTML 8Page - Linear Technology LT1962 Datasheet HTML 9Page - Linear Technology LT1962 Datasheet HTML 10Page - Linear Technology LT1962 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1962 Series
TYPICAL PERFOR A CE CHARACTERISTICS
LT1962-1.5 GND Pin Current
LT1962-3 GND Pin Current
LT1962-2.5 GND Pin Current
LT1962-1.8 GND Pin Current
INPUT VOLTAGE (V)
0
8
7
6
5
4
3
2
1
0
8
1962 G26
246
10
7
135
9
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 1.5V
RL = 5Ω
IL = 300mA*
RL = 7.5Ω
IL = 200mA*
RL = 15Ω
IL = 100mA*
INPUT VOLTAGE (V)
0
8
7
6
5
4
3
2
1
0
8
1962 G27
246
10
7
135
9
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 1.8V
RL = 6Ω
IL = 300mA*
RL = 9Ω
IL = 200mA*
RL = 18Ω
IL = 100mA*
GND Pin Current vs ILOAD
LT1962 GND Pin Current
LT1962-3.3 GND Pin Current
LT1962-5 GND Pin Current
INPUT VOLTAGE (V)
0
8
7
6
5
4
3
2
1
0
8
1962 G28
246
10
7
135
9
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 2.5V
RL = 8.33Ω
IL = 300mA*
RL = 12.5Ω
IL = 200mA*
RL = 25Ω
IL = 100mA*
INPUT VOLTAGE (V)
0
8
7
6
5
4
3
2
1
0
8
1962 G29
246
10
7
135
9
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 3V
RL = 10Ω
IL = 300mA*
RL = 15Ω
IL = 200mA*
RL = 30Ω
IL = 100mA*
INPUT VOLTAGE (V)
0
8
7
6
5
4
3
2
1
0
8
1962 G30
246
10
7
135
9
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 3.3V
RL = 11Ω
IL = 300mA*
RL = 16.5Ω
IL = 200mA*
RL = 33Ω
IL = 100mA*
INPUT VOLTAGE (V)
0
8
7
6
5
4
3
2
1
0
8
1962 G31
246
10
7
135
9
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 5V
RL = 16.7Ω
IL = 300mA*
RL = 25Ω
IL = 200mA*
RL = 50Ω
IL = 100mA*
INPUT VOLTAGE (V)
0
8
7
6
5
4
3
2
1
0
8
1962 G32
246
10
7
135
9
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 1.22V
RL = 4.07Ω
IL = 300mA*
RL = 6.1Ω
IL = 200mA*
RL = 12.2Ω
IL = 100mA*
OUTPUT CURRENT (mA)
0
3
4
5
150
250
1962 G33
2
1
0
50
100
200
6
7
8
300
VIN = VOUT(NOMINAL) + 1V
LT1962 GND Pin Current
INPUT VOLTAGE (V)
0
500
1000
1500
250
750
1250
24
6
8
1962 G25
10
1
03
5
7
9
TJ = 25°C
VIN = VSHDN
*FOR VOUT = 1.22V
RL = 24.4Ω
IL = 50mA*
RL = 122Ω
IL = 10mA*
RL = 1.22k
IL = 1mA*


Similar Part No. - LT1962

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1962 LINER-LT1962 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1962 LINER-LT1962 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
LT1962 LINER-LT1962 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT1962 LINER-LT1962 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT1962 LINER-LT1962 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
More results

Similar Description - LT1962

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962EMS8-1.5 LINER-LT1962EMS8-1.5 Datasheet
292Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1962 LINER-LT1962_15 Datasheet
475Kb / 18P
   300mA, Low Noise, Micropower LDO Regulators
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
G924 GMT-G924 Datasheet
427Kb / 9P
   300mA Low-Noise LDO Regulators
G982 GMT-G982 Datasheet
83Kb / 1P
   300mA Low-Noise LDO Regulators
G924 GMT-G924_15 Datasheet
111Kb / 2P
   300mA Low-Noise LDO Regulators
logo
Silicon Standard Corp.
SS8014 SSC-SS8014 Datasheet
291Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Linear Technology
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com